Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL59483 Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części ISL59483
Szczegółowy opis  Dual, 500MHz Triple, Multiplexing Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59483 Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button ISL59483 Datasheet HTML 4Page - Intersil Corporation ISL59483 Datasheet HTML 5Page - Intersil Corporation ISL59483 Datasheet HTML 6Page - Intersil Corporation ISL59483 Datasheet HTML 7Page - Intersil Corporation ISL59483 Datasheet HTML 8Page - Intersil Corporation ISL59483 Datasheet HTML 9Page - Intersil Corporation ISL59483 Datasheet HTML 10Page - Intersil Corporation ISL59483 Datasheet HTML 11Page - Intersil Corporation ISL59483 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
FN6394.1
December 22, 2006
FIGURE 19. MUX 2: DIFFERENTIAL GAIN AND PHASE;
VOUT =0.2VP-P, FO = 3.58MHz, RL = 500Ω
FIGURE 20. MUX 2: DIFFERENTIAL GAIN AND PHASE;
VOUT =0.2VP-P, FO = 3.58MHz, RL = 150Ω
FIGURE 21. MUX 1: SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 22. MUX 2: SMALL SIGNAL TRANSIENT RESPONSE;
RL = 500Ω
FIGURE 23. MUX 2: SMALL SIGNAL TRANSIENT RESPONSE; RL =150Ω
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = +25°C, unless otherwise specified. (Continued)
0.02
0.00
0.000
VOUT DC (V)
0
12
3
4
-4
-3
-2
-1
-0.002
0.002
-0.004
-0.006
-0.008
-0.010
-0.02
-0.04
-0.06
-0.08
-0.10
0.000
0.010
-0.004
0.04
VOUT DC (V)
0.02
0.00
0
12
3
4
-4
-3
-2
-1
0.006
0.008
0.004
0.002
-0.02
-0.04
-0.06
-0.08
-0.10
-0.002
TIME (5ns/DIV)
0.6
0.4
0.2
0.0
-0.2
-0.4
-0.6
CL=1.5pF
RL=500Ω
-0.8
0.8
0.1
0.0
0.2
TIME (5ns/DIV)
CL = 1.1pF
VOUT = 0.2VP-P
RL = 500Ω
0.1
0.0
0.2
TIME (5ns/DIV)
CL = 2.1pF
VOUT = 0.2VP-P
RL = 150Ω
ISL59483


Podobny numer części - ISL59483

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL59483 INTERSIL-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483EVAL1Z INTERSIL-ISL59483EVAL1Z Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483EVAL1Z RENESAS-ISL59483EVAL1Z Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483IRZ INTERSIL-ISL59483IRZ Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results

Podobny opis - ISL59483

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483 INTERSIL-ISL59483_07 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481_07 Datasheet
798Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482IRZ INTERSIL-ISL59482IRZ Datasheet
797Kb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com