Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL14011IRZ Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL14011IRZ
Szczegółowy opis  Low Jitter Clock Generators for Set-Top Box
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL14011IRZ Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL14011IRZ Datasheet HTML 1Page - Intersil Corporation ISL14011IRZ Datasheet HTML 2Page - Intersil Corporation ISL14011IRZ Datasheet HTML 3Page - Intersil Corporation ISL14011IRZ Datasheet HTML 4Page - Intersil Corporation ISL14011IRZ Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
®
FN6427.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL14011
Low Jitter Clock Generators for Set-Top
Box
The ISL14011 series of devices are general purpose
integrated Clock Synthesizers and Generators suited for
consumer applications such as Set-top Box, and various
other consumer applications.
The selectable reference input accepts 30MHz signal either
from crystal or an external source. It is specified to operate
with a nominal 3.3V supply and is offered in 16 Ld QFN
package.
Contact Factory for other output frequency options
.
Features
• LVTTL Outputs
• Selectable Crystal or Ref. Clock for Inputs
• Period Jitter ~50ps RMS
• Single Supply; 3.3V nominal
• Extended Temperature Range: -40°C to +85°C
• Available in small foot print package
- 16 Ld QFN 3mmx3mm
• Pb-Free plus anneal available (RoHS Compliant)
Applications
• Set-Top Boxes
Pinout
ISL14011
(16 LD QFN)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL14011IRZ*
11IZ
-40 to +85
16 Ld QFN
L16.3x3
*Add "-T" suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Selection Table
PART
OPTIONS
INPUT
FREQUENCY
NUMBER
OF
OUTPUTS
OUTPUT
FREQUENCY PACKAGE
ISL14011
30MHz
4 LVTTL
25, 30, 24, 27 16 Ld QFN
1
3
4
15
VCC
X1
X2
GND
16
14
13
2
12
10
9
11
6
57
8
NC
CLK3
CLK2
NC
Data Sheet
January 30, 2007


Podobny numer części - ISL14011IRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL14011IRZ RENESAS-ISL14011IRZ Datasheet
383Kb / 5P
   Low Jitter Clock Generators for Set-Top Box
Jan 30, 2007
More results

Podobny opis - ISL14011IRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL14011 RENESAS-ISL14011 Datasheet
383Kb / 5P
   Low Jitter Clock Generators for Set-Top Box
Jan 30, 2007
logo
Intersil Corporation
ISL14010 INTERSIL-ISL14010 Datasheet
245Kb / 5P
   Low Jitter Clock Generators for Set-Top Box
logo
Renesas Technology Corp
ISL14010 RENESAS-ISL14010 Datasheet
391Kb / 5P
   Low Jitter Clock Generators for Set-Top Box
Apr 16, 2007
logo
Integrated Circuit Syst...
ICS615 ICST-ICS615 Datasheet
57Kb / 4P
   Set-Top Box Clock Source
logo
Cypress Semiconductor
CY24713 CYPRESS-CY24713 Datasheet
149Kb / 6P
   Set-top Box Clock Generator with VCXO
logo
STMicroelectronics
EVL6566B-40WSTB STMICROELECTRONICS-EVL6566B-40WSTB Datasheet
288Kb / 5P
   Set-top box
STI5517 STMICROELECTRONICS-STI5517 Datasheet
95Kb / 3P
   Low-cost set-top box decoder
logo
Faraday Technology
AH1013 FARADAY-AH1013 Datasheet
72Kb / 2P
   SET-TOP BOX FILTERS
logo
STMicroelectronics
STI5107 STMICROELECTRONICS-STI5107 Datasheet
274Kb / 14P
   Low-cost interactive set-top box decoder
STM5105 STMICROELECTRONICS-STM5105 Datasheet
110Kb / 3P
   Low-cost interactive set-top box decoder
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com