Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC602P Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FDC602P
Szczegółowy opis  P-Channel 2.5V PowerTrench Specified MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC602P Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FDC602P Datasheet HTML 1Page - Fairchild Semiconductor FDC602P Datasheet HTML 2Page - Fairchild Semiconductor FDC602P Datasheet HTML 3Page - Fairchild Semiconductor FDC602P Datasheet HTML 4Page - Fairchild Semiconductor FDC602P Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDC602P Rev C(W)
Typical Characteristics
0
4
8
12
16
20
0
0.5
1
1.5
2
2.5
3
-V
DS, DRAIN TO SOURCE VOLTAGE (V)
V
GS
=-4.5V
-2.5V
-3.0V
-3.5V
-2.0V
0.8
1
1.2
1.4
1.6
1.8
2
0
5
10
15
20
-I
D
, DRAIN CURRENT (A)
V
GS
= -2.5V
-3.5V
-4.0V
-4.5V
-3.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
T
J
, JUNCTION TEMPERATURE ( oC)
I
D
= -5.5A
V
GS
= -4.5V
0
0.02
0.04
0.06
0.08
0.1
0.12
1.5
2
2.5
3
3.5
4
4.5
5
-V
GS
, GATE TO SOURCE VOLTAGE (V)
I
D
= -3.0A
T
A = 125
oC
T
A
= 25 oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
4
8
12
16
20
0.5
1
1.5
2
2.5
3
-V
GS
, GATE TO SOURCE VOLTAGE (V)
T
A = -55
oC
25oC
125
oC
V
DS
= -5.0V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-V
SD
, BODY DIODE FORWARD VOLTAGE (V)
V
GS
=-4.5V
T
A
= 125 oC
25oC
-55
oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Podobny numer części - FDC602P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDC602P FAIRCHILD-FDC602P Datasheet
216Kb / 6P
   P-Channel 2.5V Specified PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDC602P VBSEMI-FDC602P Datasheet
1,006Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Podobny opis - FDC602P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI6463DQ FAIRCHILD-SI6463DQ Datasheet
97Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDS6576 FAIRCHILD-FDS6576_06 Datasheet
451Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS6375 KEXIN-KDS6375 Datasheet
66Kb / 2P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com