Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL59885ISZ-T7R5260 Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISL59885ISZ-T7R5260
Szczegółowy opis  Auto-Adjusting Sync Separator for HD and SD Video
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59885ISZ-T7R5260 Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISL59885ISZ-T7R5260 Datasheet HTML 1Page - Intersil Corporation ISL59885ISZ-T7R5260 Datasheet HTML 2Page - Intersil Corporation ISL59885ISZ-T7R5260 Datasheet HTML 3Page - Intersil Corporation ISL59885ISZ-T7R5260 Datasheet HTML 4Page - Intersil Corporation ISL59885ISZ-T7R5260 Datasheet HTML 5Page - Intersil Corporation ISL59885ISZ-T7R5260 Datasheet HTML 6Page - Intersil Corporation ISL59885ISZ-T7R5260 Datasheet HTML 7Page - Intersil Corporation ISL59885ISZ-T7R5260 Datasheet HTML 8Page - Intersil Corporation ISL59885ISZ-T7R5260 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN7442.5
August 9, 2006
NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the specified
temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = 25°C)
VDD Supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7V
Pin Voltages . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VCC +0.5V
Operating Ambient Temperature Range . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400mW
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Electrical Specifications
VDD = 3.3V, TA = 25°C, CSET = 56nF, unless otherwise specified.
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
IDD, Quiescent
VDD = 3.3V
1.5
2.2
4
mA
Clamp Voltage
Pin 2, ILOAD = -100µA
1.35
1.5
1.65
V
Clamp Discharge Current
Pin 2 = 2V
6
15
30
µA
Clamp Charge Current
Pin 2 = 1V
-9
-7.2
-5.2
mA
VOL Output Low Voltage
IOL = 1.6mA
0.24
0.5
V
VOH Output High Voltage
IOH = -40µA
3
3.2
V
IOH = -1.6mA
2.5
3.0
V
Dynamic Characteristics
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Comp Sync Prop Delay, tCS
See Figure 9
35
75
ns
Horizontal Sync Delay, tHS
See Figure 9
40
80
ns
Horizontal Sync Width, tHS-PW
See Figure 9
3.8
5.2
6.2
µs
Vertical Sync Width, tVS
Normal or default trigger, 50% - 50%, see
Figure 7
230
280
350
µs
Vertical Sync Default Delay, tVSD
See Figure 10
28
50
68
µs
Hsync Blanking Window
ISL59885IS-R5218 only
81
85
90
%
ISL59885ISZ-R5260 only
70
80
90
%
Input Dynamic Range
Video input amplitude to maintain slice level
spec, VDD = 3.3V
0.5
2
VP-P
Slice Level
VSLICE above VCLAMP
50
70
90
mV
HD Pin Level
720p, 1080i, 1080p
0
V
ISL59885


Podobny numer części - ISL59885ISZ-T7R5260

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL59885ISZ-EVAL RENESAS-ISL59885ISZ-EVAL Datasheet
801Kb / 15P
   Auto-Adjusting Sync Separator for HD and SD Video
More results

Podobny opis - ISL59885ISZ-T7R5260

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL59885 INTERSIL-ISL59885_07 Datasheet
361Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885 INTERSIL-ISL59885 Datasheet
368Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
Renesas Technology Corp
ISL59885 RENESAS-ISL59885 Datasheet
801Kb / 15P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
National Semiconductor ...
LMH1980 NSC-LMH1980 Datasheet
746Kb / 14P
   Auto-Detecting SD/HD/PC Video Sync Separator
logo
Texas Instruments
LMH1980MM TI-LMH1980MM Datasheet
1Mb / 22P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
LMH1980MM TI1-LMH1980MM Datasheet
773Kb / 20P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
   Multi-Format Video Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com