Zakładka z wyszukiwarką danych komponentów |
|
ISL59830IA-T13 Arkusz danych(PDF) 2 Page - Intersil Corporation |
|
ISL59830IA-T13 Arkusz danych(HTML) 2 Page - Intersil Corporation |
2 / 14 page 2 FN7489.6 May 4, 2006 Absolute Maximum Ratings (TA = 25°C) VCC, Supply Voltage between VS and GND . . . . . . . . . . . . . . . . .5V VIN, VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . .VCC+0.3V, VEE-0.3V Voltage between VIN and VREF. . . . . . . . . . . . . . . . . . . . . . . . . .±2V Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 30mA Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C Lead Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA AC Electrical Specifications VCC = DVCC = +3.3V, REF = GND, TA = 25°C, RL = 150Ω, unless otherwise specified. PARAMETER DESCRIPTION CONDITIONS MIN TYP MAX UNIT BW -3dB 3dB Bandwidth VOUT = 200mVPP 200 MHz VOUT = 2VPP 100 MHz BW 0.1dB 0.1dB Bandwidth VOUT = 2VPP 50 MHz SR Slew Rate VOUT = 2VPP 500 V/µs dG Differential Gain 0.07 % dP Differential Phase 0.06 ° XT Hostile Crosstalk 6MHz -90 dB I Input to Output Isolation 6MHz -70 dB VN Input Noise Voltage 20 nV/ √Hz Fcp Charge Pump Switch Frequency 168 MHz Load Reg IEE = 0mA to 10mA 12 60 mV VRIPPLE Output Amp Ripple Voltage 30 mV With Bead Core to DVCC 10 mV DC Electrical Specifications VCC = DVCC = +3.3V, REF = GND, TA = 25°C, RL = 150Ω, unless otherwise specified. PARAMETER DESCRIPTION CONDITIONS MIN TYP MAX UNIT V+ Supply Range 3.0 3.6 V VG% Gain Error RL = 150Ω, VIN = +2.5V to -1V 1.5 % ΔG Gain Matching RL = 150Ω 0.5 % RIN Input Resistance VIN = 0V to 1.5V 1.0 1.7 15 M Ω VOS Output Offset Voltage VREF = 0 -25 7 +25 mV IOUT + Output Current RL = 10Ω, VIN = 1.2V 50 mA IOUT - Output Current RL = 10Ω, VIN = -0.3V -18 mA ZOUT Output Impedance Enabled 1 Ω Three-stated 10 M Ω PSRR Power Supply Rejection Ratio 60 90 dB IS Supply Current Amp Enabled 120 150 mA Amp Disabled 80 mA RREF Input Reference Resistor 4 5 6 k Ω ISL59830 |
Podobny numer części - ISL59830IA-T13 |
|
Podobny opis - ISL59830IA-T13 |