Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL60002CIH312Z-TK Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL60002CIH312Z-TK
Szczegółowy opis  Precision Low Power FGA??Voltage References
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60002CIH312Z-TK Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL60002CIH312Z-TK Datasheet HTML 1Page - Intersil Corporation ISL60002CIH312Z-TK Datasheet HTML 2Page - Intersil Corporation ISL60002CIH312Z-TK Datasheet HTML 3Page - Intersil Corporation ISL60002CIH312Z-TK Datasheet HTML 4Page - Intersil Corporation ISL60002CIH312Z-TK Datasheet HTML 5Page - Intersil Corporation ISL60002CIH312Z-TK Datasheet HTML 6Page - Intersil Corporation ISL60002CIH312Z-TK Datasheet HTML 7Page - Intersil Corporation ISL60002CIH312Z-TK Datasheet HTML 8Page - Intersil Corporation ISL60002CIH312Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
®
FN8082.7
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
FGA is a trademark of Intersil Corporation. Copyright Intersil Americas Inc. 2004-2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL60002
Precision Low Power FGA™ Voltage
References
The ISL60002 FGA™ voltage references are very high
precision analog voltage references fabricated in Intersil's
proprietary Floating Gate Analog technology and feature low
supply voltage operation at ultra-low 400nA operating
current.
Additional features include guaranteed initial accuracy as
low as ±1.0mV, @ 20ppm/°C temperature coefficient and
long-term stability of <<10ppm/
√1kHrs. The initial accuracy
and thermal stability performance of the ISL60002 family
plus the low supply voltage and 400nA power consumption
eliminates the need to compromise thermal stability for
reduced power consumption making it an ideal companion to
high resolution, low power data conversion systems.
Features
• Reference Voltages . . . 1.024V, 1.2V, 1.25V, 1.8V, 2.048V,
2.5V and 3.3V
• Absolute Initial Accuracy Options. . . . . . ±1.0mV, ±2.5mV,
and ±5.0mV
• Supply Voltage Range
- ISL60002-10, -11, -12, -18, -20, -25 . . . . . . 2.7V to 5.5V
- ISL60002-33 . . . . . . . . . . . . . . . . . . . . . . . . 3.5V to 5.5V
• Ultra-Low Supply Current . . . . . . . . . . . . . . . . . . 350nA typ
• Low 20ppm/°C Temperature Coefficient
• 10ppm/
√1kHrs. Long Term Stability
•ISOURCE and ISINK = 7mA
•ISOURCE and ISINK = 20mA for ISL60002-33 only
• ESD Protection. . . . . . . . . . . . . 5kV (Human Body Model)
• Standard 3 Ld SOT-23 Packaging
• Operating Temperature Range
- ISL60002-10, -11, -12, -18, -20, -25 . . . . -40°C to +85°C
- ISL60002-33 . . . . . . . . . . . . . . . . . . . . . -40°C to +105°C
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• High Resolution A/Ds and D/As
• Digital Meters
• Bar Code Scanners
• Mobile Communications
• PDA’s and Notebooks
• Medical Systems
Typical Application
VIN = +3.0V
0.1µF
0.001µF
*
Serial
Bus
VIN
VOUT
GND
ISL60002
ENABLE
SCK
SDAT
A/D CONVERTER
16 TO 24-BIT
REF IN
10µF
*Also see Figure 101 in Applications Information.
Data Sheet
August 1, 2006


Podobny numer części - ISL60002CIH312Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL60002CIH312Z-TK INTERSIL-ISL60002CIH312Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002CIH312Z-TK INTERSIL-ISL60002CIH312Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002CIH312Z-TK INTERSIL-ISL60002CIH312Z-TK Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL60002CIH312Z-TK INTERSIL-ISL60002CIH312Z-TK Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002CIH312Z-TK RENESAS-ISL60002CIH312Z-TK Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
More results

Podobny opis - ISL60002CIH312Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
ISL60002_0712 INTERSIL-ISL60002_0712 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com