Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

X1288V14-4.5A Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części X1288V14-4.5A
Szczegółowy opis  2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1288V14-4.5A Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button X1288V14-4.5A Datasheet HTML 4Page - Intersil Corporation X1288V14-4.5A Datasheet HTML 5Page - Intersil Corporation X1288V14-4.5A Datasheet HTML 6Page - Intersil Corporation X1288V14-4.5A Datasheet HTML 7Page - Intersil Corporation X1288V14-4.5A Datasheet HTML 8Page - Intersil Corporation X1288V14-4.5A Datasheet HTML 9Page - Intersil Corporation X1288V14-4.5A Datasheet HTML 10Page - Intersil Corporation X1288V14-4.5A Datasheet HTML 11Page - Intersil Corporation X1288V14-4.5A Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8
FN8102.3
April 14, 2006
VTRIP Programming Timing Diagram
VTRIP Programming Parameters
DESCRIPTION
The X1288 device is a Real Time Clock with
clock/calendar, two polled alarms with integrated 32kx8
EEPROM, oscillator compensation, CPU Supervisor
(POR/LVS and WDT) and battery backup switch.
The oscillator uses an external, low-cost 32.768kHz
crystal. All compensation and trim components are
integrated on the chip. This eliminates several external
discrete components and a trim capacitor, saving board
area and component cost.
The Real-Time Clock keeps track of time with separate
registers for Hours, Minutes, Seconds and 1/100 of a
second. The Calendar has separate registers for Date,
Month, Year and Day-of-week. The calendar is correct
through 2099, with automatic leap year correction.
The
powerful
Dual Alarms
can
be
set
to
any
Clock/Calendar value for a match. For instance, every
minute, every Tuesday, or 5:23 AM on March 21. The
alarms can be polled in the Status Register or provide a
hardware interrupt (IRQ Pin). There is a repeat mode for
the alarms allowing a periodic interrupt.
The PHZ/IRQ pin may be software selected to provide a
frequency output of 1 Hz, 100 Hz, or 32,768 Hz.
The X1288 device integrates CPU Supervisor func-tions
and a Battery Switch. There is a Power-On Reset
(RESET output) with typically 250 ms delay from power-
on. It will also assert RESET when Vcc goes below the
specified threshold. The Vtrip threshold is user repro-
grammable. There is a WatchDog Timer (WDT) with 3
selectable time-out periods (0.25s, 0.75s, 1.75s) and a
disabled setting. The watchdog activates the RESET pin
when it expires.
Parameter
Description
Min.
Max.
Units
tVPS
VTRIP Program Enable Voltage Setup time
1
µs
tVPH
VTRIP Program Enable Voltage Hold time
1
µs
tTSU
VTRIP Setup time
1
µs
tTHD
VTRIP Hold (stable) time
10
ms
tVPO
VTRIP Program Enable Voltage Off time
(Between successive adjustments)
0µs
tRP
VTRIP Program Recovery Period
(Between successive adjustments)
10
ms
VP
Programming Voltage
14
16
V
VTRAN
VTRIP Programmed Voltage Range
1.7
5.0
V
Vtv
VTRIP Program variation after programming
(Programmed at 25°C)
-25
+25
mV
VTRIP programming parameters are not 100% Tested.
01 2 3 4 5 6 7
0 1 2 345 67
0 1 2 3 45 6 7
0 1 2 3 4 5 67
VCC
(VTRIP)
tVPH
tVPS
tVPO
tRP
SCL
SDA
AEh
03h/01h
RESET
VP = 15V
00h
00h
VCC
VCC
tTSU
tTHD
VTRIP
X1288


Podobny numer części - X1288V14-4.5A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Xicor Inc.
X1288V14-4.5A XICOR-X1288V14-4.5A Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288V14-4.5A RENESAS-X1288V14-4.5A Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results

Podobny opis - X1288V14-4.5A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1227 INTERSIL-X1227 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1227 INTERSIL-X1227_06 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1286 RENESAS-X1286 Datasheet
1Mb / 25P
   2-Wire??RTC, 256k (32k x 8) Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com