Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7463PBF Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRF7463PBF
Szczegółowy opis  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7463PBF Arkusz danych(HTML) 2 Page - International Rectifier

  IRF7463PBF Datasheet HTML 1Page - International Rectifier IRF7463PBF Datasheet HTML 2Page - International Rectifier IRF7463PBF Datasheet HTML 3Page - International Rectifier IRF7463PBF Datasheet HTML 4Page - International Rectifier IRF7463PBF Datasheet HTML 5Page - International Rectifier IRF7463PBF Datasheet HTML 6Page - International Rectifier IRF7463PBF Datasheet HTML 7Page - International Rectifier IRF7463PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7463PbF
2
www.irf.com
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Symbol
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
320
mJ
IAR
Avalanche Current

–––
14
A
Avalanche Characteristics
S
D
G
Diode Characteristics
2.3
110
A
Symbol
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
41
––– –––
S
VDS = 24V, ID = 11A
Qg
Total Gate Charge
–––
34
51
ID = 11A
Qgs
Gate-to-Source Charge
–––
7.6 11.4
nC
VDS = 15V
Qgd
Gate-to-Drain ("Miller") Charge
–––
12
18
VGS = 4.5V
ƒ
Qoss
Output Gate Charge
–––
21
32
VGS = 0V, VDS = 15V
td(on)
Turn-On Delay Time
–––
16
–––
VDD = 15V
tr
Rise Time
–––
138 –––
ID = 11A
td(off)
Turn-Off Delay Time
–––
28
–––
RG = 1.8Ω
tf
Fall Time
–––
6.5
–––
VGS = 4.5V
ƒ
Ciss
Input Capacitance
––– 3150 –––
VGS = 0V
Coss
Output Capacitance
––– 1070 –––
VDS = 15V
Crss
Reverse Transfer Capacitance
–––
180 –––
pF
ƒ = 1.0MHz
VSD
Diode Forward Voltage
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

––– –––
p-n junction diode.
––– 0.52
1.3
V
TJ = 25°C, IS = 11A, VGS = 0V
ƒ
––– 0.44 –––
TJ = 125°C, IS = 11A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
45
70
ns
TJ = 25°C, IF = 11A, VR=15V
Qrr
Reverse Recovery Charge
–––
65
100
nC
di/dt = 100A/µs
ƒ
trr
Reverse Recovery Time
–––
50
75
ns
TJ = 125°C, IF = 11A, VR=15V
Qrr
Reverse Recovery Charge
–––
80
120
nC
di/dt = 100A/µs
ƒ
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(on)
Static Drain-to-Source On-Resistance
m
Parameter
Min.
Typ.
Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.029 –––
V/°C Reference to 25°C, ID = 1mA
–––
6.0
8.0
VGS = 10V, ID = 14A
ƒ
–––
7.0
9.5
VGS = 4.5V, ID = 11A
ƒ
–––
10.5
20
VGS = 2.7V, ID = 7.0A
ƒ
VGS(th)
Gate Threshold Voltage
0.6
–––
2.0
V
VDS = VGS, ID = 250µA
–––
–––
20
µA
VDS = 24V, VGS = 0V
–––
–––
100
VDS = 24V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 12V
Gate-to-Source Reverse Leakage
–––
–––
-200
nA
VGS = -12V


Podobny numer części - IRF7463PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7463PBF IRF-IRF7463PBF Datasheet
182Kb / 8P
   High Frequency Buck Converters for Computer Processor Power
IRF7463PBF IRF-IRF7463PBF_15 Datasheet
182Kb / 8P
   High Frequency Buck Converters for Computer Processor Power
More results

Podobny opis - IRF7463PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com