Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

X1227S8I-2.7 Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części X1227S8I-2.7
Szczegółowy opis  2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1227S8I-2.7 Arkusz danych(HTML) 5 Page - Intersil Corporation

  X1227S8I-2.7 Datasheet HTML 1Page - Intersil Corporation X1227S8I-2.7 Datasheet HTML 2Page - Intersil Corporation X1227S8I-2.7 Datasheet HTML 3Page - Intersil Corporation X1227S8I-2.7 Datasheet HTML 4Page - Intersil Corporation X1227S8I-2.7 Datasheet HTML 5Page - Intersil Corporation X1227S8I-2.7 Datasheet HTML 6Page - Intersil Corporation X1227S8I-2.7 Datasheet HTML 7Page - Intersil Corporation X1227S8I-2.7 Datasheet HTML 8Page - Intersil Corporation X1227S8I-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
FN8099.2
May 8, 2006
(9) VSDA =VSCL=VBACK, Others = GND or VBACK
(10)VSDA = GND or VCC, VSCL = GND or VCC, VRESET = GND or VCC
(11)IOL = 3.0mA at 5.5V, 1.5mA at 2.7V
(12)
IOH = -1.0mA at 5.5V, -0.4mA at 2.7V
(13)Threshold voltages based on the higher of Vcc or Vback.
(14)Using recommended crystal and oscillator network applied to X1 and X2 (25°C).
(15)Typical values are for TA = 25°C
Capacitance TA = 25°C, f = 1.0 MHz, VCC = 5V
Notes: (1) This parameter is not 100% tested.
(2) The input capacitance between x1 and x2 pins can be varied between 5pF and 19.75pF by using analog trimming registers
AC CHARACTERISTICS
AC Test Conditions
Figure 1. Standard Output Load for testing the device with VCC = 5.0V
Symbol
Parameter
Max.
Units
Test Conditions
COUT(1)
Output Capacitance (SDA, RESET)10
pF
VOUT = 0V
CIN(1)
Input Capacitance (SCL)
10
pF
VIN = 0V
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and Fall Times
10ns
Input and Output Timing
Levels
VCC x 0.5
Output Load
Standard Output Load
SDA
1533
Ω
100pF
5.0V
For VOL= 0.4V
and IOL = 3 mA
Equivalent AC Output Load Circuit for VCC = 5V
X1227


Podobny numer części - X1227S8I-2.7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Xicor Inc.
X1227S8I-2.7 XICOR-X1227S8I-2.7 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1227S8I-2.7 INTERSIL-X1227S8I-2.7 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227S8I-2.7 RENESAS-X1227S8I-2.7 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227S8I-2.7A XICOR-X1227S8I-2.7A Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1227S8I-2.7A INTERSIL-X1227S8I-2.7A Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
More results

Podobny opis - X1227S8I-2.7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
X1227 INTERSIL-X1227 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1286 RENESAS-X1286 Datasheet
1Mb / 25P
   2-Wire??RTC, 256k (32k x 8) Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1228 RENESAS-X1228 Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com