Zakładka z wyszukiwarką danych komponentów |
|
TD22M50 Arkusz danych(PDF) 1 Page - NTE Electronics |
|
TD22M50 Arkusz danych(HTML) 1 Page - NTE Electronics |
|
1 / 1 page SOLID TANTALUM TD (Resin Dipped Radial) SERIES 16 NTE Electronics, Inc. D Voice (800) 631–1250 (973) 748–5089 D FAX (973) 748–6224 D http://www.nteinc.com SOLID TANTALUM The TD series is a range of resin dipped tantalum capacitors de- signed for entertainment, commercial, and industrial equipment. They have sintered anodes and solid electrolyte. The epoxy res- in housing is flame retardent with a limiting oxygen index in ex- cess of 30 (ASTM–D–2863). RATINGS Capacitance Range: 0.1 µf to 680µf Tolerance: ±20% Voltage Range: 6.3V to 50V PERFORMANCE SPECIFICATIONS Operating Temperature Range: –55 °C to +85°C (–67°F to +185°F) Capacitance Tolerance (M): ±20% measured at +20 °C (+68°F), 120HZ Dissipation Factor: measured at +20 °C (+68°F),120HZ Capacitance Range µf 0.1 – 1.5 2.2 – 6.8 10 – 68 100 – 680 ≤ 0.04 ≤ 0.06 ≤ 0.08 ≤ 0.10 Surge Voltage: DC Rated Voltage 6.3 10 16 20 25 35 50 Surge Voltage 8 13 20 26 33 46 65 MECHANICAL SPECIFICATIONS Lead Solderability: Meets the requirements of MIL–STD 202, Method 208 Marking: Consists of capacitance, DC voltage, and polarity. Recommended Cleaning Solvents: Methanol, isopropanol ethanol, isobutanol, petroleum ether, propanol and/or commercial detergents. Halo- genated hydrocarbon cleaning agents such as Freon (MF, TF, or TC), trichloroethylene, trichloroethane, or methylchloride are not recommended as they may damage the capacitor. D Ø Max L Max d S 10 Min 2 Min ORDERING INFORMATION TD 47 M 50 Series Capacitance Tolerance Voltage CAPACITANCE RANGE: (Number denotes case size) Rated Voltage (WV) 6.3 10 16 20 25 35 50 Surge Voltage Cap ( µf) 8 13 20 26 33 46 65 0.10 1 1 0.15 1 1 0.22 1 1 0.33 1 2 0.47 1 2 0.68 1 2 1.0 1 1 1 4 1.5 1 1 1 2 5 2.2 1 1 2 2 3 5 3.3 1 1 2 3 3 4 7 4.7 1 2 3 4 4 5 8 6.8 2 3 4 5 5 6 8 10.0 3 4 5 6 6 7 9 15.0 4 5 6 7 7 9 10 22.0 5 6 7 8 9 10 13 33.0 6 7 8 9 10 12 47.0 7 8 10 11 12 14 68.0 8 9 11 13 13 100.0 9 11 13 13 150.0 11 13 15 220.0 12 14 15 330.0 14 15 470.0 15 680.0 15 TD Series Dimensions: mm Diameter (D Ø) x Length (L) Case Size Diameter (D Ø) Length (L) Lead Wire (d) Spacing (S) 1 4.50 8.50 0.50 2 4.50 9.00 0.50 3 5.00 10.00 0.50 4 5.00 10.50 0.50 ± 5 5.50 10.50 0.50 2.54 ±0.51 6 6.00 11.50 0.50 7 6.50 11.50 0.50 8 7.00 12.00 0.40 9 8.00 13.00 0.50 10 8.50 14.00 0.50 11 9.00 14.00 0.50 12 9.00 14.50 0.50 5.08 ±0.51 13 9.00 16.00 0.50 14 10.00 17.00 0.50 15 10.00 18.50 0.50 (V) |
Podobny numer części - TD22M50 |
|
Podobny opis - TD22M50 |