Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRFB38N20DPBF Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRFB38N20DPBF
Szczegółowy opis  HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRFB38N20DPBF Arkusz danych(HTML) 1 Page - International Rectifier

  IRFB38N20DPBF Datasheet HTML 1Page - International Rectifier IRFB38N20DPBF Datasheet HTML 2Page - International Rectifier IRFB38N20DPBF Datasheet HTML 3Page - International Rectifier IRFB38N20DPBF Datasheet HTML 4Page - International Rectifier IRFB38N20DPBF Datasheet HTML 5Page - International Rectifier IRFB38N20DPBF Datasheet HTML 6Page - International Rectifier IRFB38N20DPBF Datasheet HTML 7Page - International Rectifier IRFB38N20DPBF Datasheet HTML 8Page - International Rectifier IRFB38N20DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Notes
 through ‡ are on page 11
www.irf.com
1
09/09/05
IRFB38N20DPbF
IRFS38N20DPbF
IRFSL38N20DPbF
SMPS MOSFET
HEXFET® Power MOSFET
D2Pak
IRFS38N20DPbF
TO-220AB
IRFB38N20DPbF
TO-262
IRFSL38N20DPbF
l High frequency DC-DC converters
l Plasma Display Panel
l Lead-Free
Benefits
Applications
l Low Gate-to-Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design, (See
App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
PROVISIONAL
* RθJC (end of life) for D2Pak and TO-262 = 0.50°C/W. This is the maximum measured value after 1000 temperature
cycles from -55 to 150°C and is accounted for by the physical wearout of the die attach medium.
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V ‡
38*
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V ‡
27*
A
IDM
Pulsed Drain Current

180
PD @TA = 25°C
Power Dissipation
‡
3.8
W
PD @TC = 25°C
Power Dissipation
‡
230*
Linear Derating Factor
‡
1.5*
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
9.5
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torqe, 6-32 or M3 screw
†
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.47*
RθCS
Case-to-Sink, Flat, Greased Surface
†
0.50
–––
°C/W
RθJA
Junction-to-Ambient
†
–––
62
RθJA
Junction-to-Ambient
‡
–––
40
VDS
200
V
VDS (Avalanche) min.
260
V
RDS(ON) max @ 10V
54
m
:
TJ max
175
°C
Key Parameters
PD - 97001A


Podobny numer części - IRFB38N20DPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFB38N20DPBF IRF-IRFB38N20DPBF Datasheet
275Kb / 11P
   HEXFET Power MOSFET
logo
Infineon Technologies A...
IRFB38N20DPBF INFINEON-IRFB38N20DPBF Datasheet
589Kb / 12P
   HEXFET짰 Power MOSFET
2016-5-31
More results

Podobny opis - IRFB38N20DPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com