Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD6030L Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FDD6030L
Szczegółowy opis  30V N-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6030L Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FDD6030L Datasheet HTML 1Page - Fairchild Semiconductor FDD6030L Datasheet HTML 2Page - Fairchild Semiconductor FDD6030L Datasheet HTML 3Page - Fairchild Semiconductor FDD6030L Datasheet HTML 4Page - Fairchild Semiconductor FDD6030L Datasheet HTML 5Page - Fairchild Semiconductor FDD6030L Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FDD6030L Rev. E
Typical Characteristics
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
VDS, DRAIN-SOURCE VOLTAGE (V)
3.0V
4.0V
VGS = 10.0V
3.5V
4.5V
6.0V
5.0V
0.8
1
1.2
1.4
1.6
1.8
0
20
40
60
80
ID, DRAIN CURRENT (A)
VGS = 3.5V
4.0V
5.0V
6.0V
4.5V
10.0V
Figure 1. On-Region Characteristics
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = 12A
VGS = 10V
0.005
0.01
0.015
0.02
0.025
0.03
2
4
6
8
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 6A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation
withTemperature
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage
0
15
30
45
60
75
90
1.5
2
2.5
3
3.5
4
4.5
VGS, GATE TO SOURCE VOLTAGE (V)
TA =-55
oC
25
oC
125
oC
VDS = 5V
0.0001
0.001
0.01
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VGS = 0V
Figure 5. Transfer Characteristics
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature


Podobny numer części - FDD6030L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD6030L FAIRCHILD-FDD6030L Datasheet
169Kb / 6P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Inchange Semiconductor ...
FDD6030L ISC-FDD6030L Datasheet
352Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - FDD6030L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7064N7 FAIRCHILD-FDS7064N7 Datasheet
175Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com