Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLML6401PBF Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRLML6401PBF
Szczegółowy opis  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLML6401PBF Arkusz danych(HTML) 1 Page - International Rectifier

  IRLML6401PBF Datasheet HTML 1Page - International Rectifier IRLML6401PBF Datasheet HTML 2Page - International Rectifier IRLML6401PBF Datasheet HTML 3Page - International Rectifier IRLML6401PBF Datasheet HTML 4Page - International Rectifier IRLML6401PBF Datasheet HTML 5Page - International Rectifier IRLML6401PBF Datasheet HTML 6Page - International Rectifier IRLML6401PBF Datasheet HTML 7Page - International Rectifier IRLML6401PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
75
100
°C/W
IRLML6401PbF
HEXFET® Power MOSFET
Thermal Resistance
VDSS = -12V
RDS(on) = 0.05Ω
l Ultra Low On-Resistance
l P-Channel MOSFET
l SOT-23 Footprint
l Low Profile (<1.1mm)
l Available in Tape and Reel
l Fast Switching
11/8/04
www.irf.com
1
Parameter
Max.
Units
VDS
Drain- Source Voltage
-12
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
-4.3
ID @ TA= 70°C
Continuous Drain Current, VGS @ -4.5V
-3.4
A
IDM
Pulsed Drain Current

-34
PD @TA = 25°C
Power Dissipation
1.3
PD @TA = 70°C
Power Dissipation
0.8
Linear Derating Factor
0.01
W/°C
EAS
Single Pulse Avalanche Energy
„
33
mJ
VGS
Gate-to-Source Voltage
± 8.0
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
W
These P-Channel MOSFETs from International Rectifier
utilize advanced processing techniques to achieve extremely
low on-resistance per silicon area. This benefit, combined
with the fast switching speed and ruggedized device design
that HEXFET® power MOSFETs are well known for, provides
the designer with an extremely efficient and reliable device
for use in battery and load management.
A thermally enhanced large pad leadframe has been
incorporated into the standard SOT-23 package to produce
a HEXFET Power MOSFET with the industry's smallest
footprint. This package, dubbed the Micro3
™, is ideal for
applications where printed circuit board space is at a
premium. The low profile (<1.1mm) of the Micro3 allows it
to fit easily into extremely thin application environments
such as portable electronics and PCMCIA cards. The thermal
resistance and power dissipation are the best available.
Description
Micro3
l 1.8V Gate Rated
S
G 1
2
D
3
PD - 94891A
l Lead-Free


Podobny numer części - IRLML6401PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLML6401PBF IRF-IRLML6401PBF Datasheet
203Kb / 9P
   Ultra Low On-Resistance
IRLML6401PBF-1 IRF-IRLML6401PBF-1 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF IRF-IRLML6401PBF_10 Datasheet
196Kb / 8P
   Ultra Low On-Resistance, P-Channel MOSFET, SOT-23 Footprint
IRLML6401PBF IRF-IRLML6401PBF_15 Datasheet
203Kb / 9P
   Ultra Low On-Resistance
More results

Podobny opis - IRLML6401PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com