Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS3992 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FDS3992
Szczegółowy opis  Dual N-Channel PowerTrench짰 MOSFET 100V, 4.5A, 62m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS3992 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FDS3992_04 Datasheet HTML 1Page - Fairchild Semiconductor FDS3992_04 Datasheet HTML 2Page - Fairchild Semiconductor FDS3992_04 Datasheet HTML 3Page - Fairchild Semiconductor FDS3992_04 Datasheet HTML 4Page - Fairchild Semiconductor FDS3992_04 Datasheet HTML 5Page - Fairchild Semiconductor FDS3992_04 Datasheet HTML 6Page - Fairchild Semiconductor FDS3992_04 Datasheet HTML 7Page - Fairchild Semiconductor FDS3992_04 Datasheet HTML 8Page - Fairchild Semiconductor FDS3992_04 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
FDS3992 Rev. B1
Electrical Characteristics T
A = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics (VGS = 10V)
Drain-Source Diode Characteristics
Notes:
1: Starting TJ = 25°C, L = 37mH, IAS = 3A.
2: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the
drain pins. RθJC is guaranteed by design while RθCA is determined by the user’s board design.
3: RθJA is measured with 1.0 in
2 copper on FR-4 board
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
100
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 80V
-
-
1
µA
VGS = 0V
TC = 150
oC-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(TH)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA2
-
4
V
rDS(ON)
Drain to Source On Resistance
ID = 4.5A, VGS = 10V
-
0.054
0.062
ID = 2A, VGS = 6V
-
0.072
0.108
ID = 4.5A, VGS = 10V,
TC = 150
oC
-
0.107
0.123
CISS
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1MHz
-
750
-
pF
COSS
Output Capacitance
-
118
-
pF
CRSS
Reverse Transfer Capacitance
-
27
-
pF
Qg(TOT)
Total Gate Charge at 10V
VGS = 0V to 10V
VDD = 50V
ID = 4.5A
Ig = 1.0mA
-11
15
nC
Qg(TH)
Threshold Gate Charge
VGS = 0V to 2V
-
1.4
1.9
nC
Qgs
Gate to Source Gate Charge
-
3.5
-
nC
Qgs2
Gate Charge Threshold to Plateau
-
2.1
-
nC
Qgd
Gate to Drain “Miller” Charge
-
2.8
-
nC
tON
Turn-On Time
VDD = 50V, ID = 4.5A
VGS = 10V, RGS = 27Ω
-
-
47
ns
td(ON)
Turn-On Delay Time
-
8
-
ns
tr
Rise Time
-
23
-
ns
td(OFF)
Turn-Off Delay Time
-
28
-
ns
tf
Fall Time
-
26
-
ns
tOFF
Turn-Off Time
-
-
81
ns
VSD
Source to Drain Diode Voltage
ISD = 4.5A
-
-
1.25
V
ISD = 2A
-
-
1.0
V
trr
Reverse Recovery Time
ISD= 4.5A, dISD/dt= 100A/µs-
-
48
ns
QRR
Reverse Recovery Charge
ISD= 4.5A, dISD/dt= 100A/µs-
-
65
nC


Podobny numer części - FDS3992_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS3992 FAIRCHILD-FDS3992 Datasheet
286Kb / 11P
   N-Channel PowerTrench MOSFET 100V, 4.5A, 62m?
More results

Podobny opis - FDS3992_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS3992 FAIRCHILD-FDS3992 Datasheet
286Kb / 11P
   N-Channel PowerTrench MOSFET 100V, 4.5A, 62m?
FDB047N10 FAIRCHILD-FDB047N10_12 Datasheet
1Mb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 164A, 4.7mW
FDP047N10 FAIRCHILD-FDP047N10_12 Datasheet
1,008Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 164A, 4.7mW
FDP045N10A FAIRCHILD-FDP045N10A Datasheet
751Kb / 10P
   N-Channel PowerTrench짰 MOSFET 100V, 164A, 4.5m
FDPF045N10A FAIRCHILD-FDPF045N10A Datasheet
669Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 67A, 4.5m
FDPF085N10A FAIRCHILD-FDPF085N10A Datasheet
1Mb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 40A, 8.5mW
FDMD82100L FAIRCHILD-FDMD82100L Datasheet
253Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET
FDG8850NZ FAIRCHILD-FDG8850NZ Datasheet
326Kb / 5P
   Dual N-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDMA1024NZ ONSEMI-FDMA1024NZ Datasheet
622Kb / 9P
   Dual N-Channel PowerTrench짰 MOSFET
October-2017, Rev.2
logo
Fairchild Semiconductor
FDMS9600S FAIRCHILD-FDMS9600S Datasheet
329Kb / 9P
   Dual N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com