Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS6298 Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części FDS6298
Szczegółowy opis  30V N-Channel Fast Switching PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6298 Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

  FDS6298_07 Datasheet HTML 1Page - Fairchild Semiconductor FDS6298_07 Datasheet HTML 2Page - Fairchild Semiconductor FDS6298_07 Datasheet HTML 3Page - Fairchild Semiconductor FDS6298_07 Datasheet HTML 4Page - Fairchild Semiconductor FDS6298_07 Datasheet HTML 5Page - Fairchild Semiconductor FDS6298_07 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an
exhaustive list of all such trademarks.
ACEx
®
Across the board. Around the world.
ActiveArray
Bottomless
Build it Now
CoolFET
CROSSVOLT
CTL™
Current Transfer Logic™
DOME
E
2CMOS
EcoSPARK
®
EnSigna
FACT Quiet Series™
FACT
®
FAST
®
FASTr
FPS
FRFET
®
GlobalOptoisolator
GTO
HiSeC
i-Lo
ImpliedDisconnect
IntelliMAX
ISOPLANAR
MICROCOUPLER
MicroPak
MICROWIRE
Motion-SPM™
MSX
MSXPro
OCX
OCXPro
OPTOLOGIC
®
OPTOPLANAR
®
PACMAN
PDP-SPM™
POP
Power220
®
Power247
®
PowerEdge
PowerSaver
Power-SPM
PowerTrench
®
Programmable Active Droop
QFET
®
QS
QT Optoelectronics
Quiet Series
RapidConfigure
RapidConnect
ScalarPump
SMART START
SPM
®
STEALTH™
SuperFET
SuperSOT
™-3
SuperSOT
™-6
SuperSOT
™-8
SyncFET™
TCM
The Power Franchise
®
TinyBoost
TinyBuck
TinyLogic
®
TINYOPTO
TinyPower
TinyWire
TruTranslation
μSerDes™
UHC
®
UniFET
VCX
Wire
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS
HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE
APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER
ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD’S
WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR
SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body or
(b) support or sustain life, and (c) whose failure to perform
when properly used in accordance with instructions for use
provided in the labeling, can be reasonably expected to
result in a significant injury of the user.
2. A critical component in any component of a life support,
device, or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
Datasheet Identification
Product Status
Definition
Advance Information
Formative or In Design
This datasheet contains the design specifications for product
development. Specifications may change in any manner without notice.
Preliminary
First Production
This datasheet contains preliminary data; supplementary data will be
published at a later date. Fairchild Semiconductor reserves the right to
make changes at any time without notice to improve design.
No Identification Needed
Full Production
This datasheet contains final specifications. Fairchild Semiconductor
reserves the right to make changes at any time without notice to improve
design.
Obsolete
Not In Production
This datasheet contains specifications on a product that has been
discontinued by Fairchild Semiconductor. The datasheet is printed for
reference information only.
Rev. I26


Podobny numer części - FDS6298_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS6298 FAIRCHILD-FDS6298 Datasheet
311Kb / 5P
   30V N-Channel Fast Switching PowerTrench MOSFET
logo
Analog Devices
FDS6298 AD-FDS6298 Datasheet
843Kb / 28P
   20 V, 6 A Synchronous Step-Down
REV. 0
More results

Podobny opis - FDS6298_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS6694 FAIRCHILD-FDS6694 Datasheet
65Kb / 5P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6298 FAIRCHILD-FDS6298 Datasheet
311Kb / 5P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6294 FAIRCHILD-FDS6294_07 Datasheet
372Kb / 6P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6294 FAIRCHILD-FDS6294 Datasheet
139Kb / 5P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDD6296 FAIRCHILD-FDD6296 Datasheet
105Kb / 6P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6294 FAIRCHILD-FDS6294 Datasheet
373Kb / 6P
   30V N-Channel Fast Switching PowerTrench
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com