Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS6298 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FDS6298
Szczegółowy opis  30V N-Channel Fast Switching PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6298 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FDS6298 Datasheet HTML 1Page - Fairchild Semiconductor FDS6298 Datasheet HTML 2Page - Fairchild Semiconductor FDS6298 Datasheet HTML 3Page - Fairchild Semiconductor FDS6298 Datasheet HTML 4Page - Fairchild Semiconductor FDS6298 Datasheet HTML 5Page - Fairchild Semiconductor FDS6298 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDS6298 Rev. C1 (W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min Typ Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
30
-
-
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
-
30
-
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V, VGS = 0 V
-
-
1
µA
IGSS
Gate–Body Leakage
VGS = ±20 V, VDS = 0 V
-
-
±100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
1
1.7
3
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250 µA, Referenced to 25°C
-
–5
-
mV/
°C
RDS(ON)
Static Drain–Source
On–Resistance
VGS = 10 V, ID = 13 A
VGS = 4.5 V, ID = 12 A
VGS= 10 V, ID = 13 A, TJ=125°C
-
7.4
9.4
11
9
12
15
m
gFS
Forward Transconductance
VDS = 10 V, ID = 13 A
-
58
-
S
Dynamic Characteristics
Ciss
Input Capacitance
-
1108
-
pF
Coss
Output Capacitance
-
310
-
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V, V GS = 0 V,
f = 1.0 MHz
-
109
-
pF
RG
Gate Resistance
VGS = 15 mV, f = 1.0 MHz
0.3
1
1.7
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
-
11
20
ns
tr
Turn–On Rise Time
-
5
10
ns
td(off)
Turn–Off Delay Time
-
27
43
ns
tf
Turn–Off Fall Time
VDD = 15 V, ID = 1 A,
VGS = 10 V, RGEN = 6 Ω
-
7
14
ns
Qg
Total Gate Charge
-
10
14
nC
Qgs
Gate–Source Charge
-
3
-
nC
Qgd
Gate–Drain Charge
VDS = 15 V, ID = 13 A,
VGS = 5 V
-
3
-
nC
Drain–Source Diode Characteristics
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V, IS = 2.1 A
(Note 2)
-
0.74
1.2
V
trr
Diode Reverse Recovery Time
IF = 13 A, dIF/dt = 100 A/µs
-
27
-
ns
Qrr
Diode Reverse Recovery Charge
-
13
-
nC
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a)
50°C/W when mounted
on a 1in2 pad of 2 oz
copper
b) 125°C/W when mounted on a
minimum pad.
Scale 1 : 1 on letter size paper
2. Test: Pulse Width < 300µs, Duty Cycle < 2.0%
3. Starting TJ = 25°C, L = 3mH, IAS = 11A, VDD = 30V, VGS = 10V


Podobny numer części - FDS6298

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS6298 FAIRCHILD-FDS6298 Datasheet
311Kb / 5P
   30V N-Channel Fast Switching PowerTrench MOSFET
logo
Analog Devices
FDS6298 AD-FDS6298 Datasheet
843Kb / 28P
   20 V, 6 A Synchronous Step-Down
REV. 0
More results

Podobny opis - FDS6298

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS6694 FAIRCHILD-FDS6694 Datasheet
65Kb / 5P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6298 FAIRCHILD-FDS6298 Datasheet
311Kb / 5P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6294 FAIRCHILD-FDS6294_07 Datasheet
372Kb / 6P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6294 FAIRCHILD-FDS6294 Datasheet
139Kb / 5P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDD6296 FAIRCHILD-FDD6296 Datasheet
105Kb / 6P
   30V N-Channel Fast Switching PowerTrench MOSFET
FDS6294 FAIRCHILD-FDS6294 Datasheet
373Kb / 6P
   30V N-Channel Fast Switching PowerTrench
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com