Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS6679 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FDS6679
Szczegółowy opis  30 Volt P-Channel PowerTrench짰 MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6679 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FDS6679 Datasheet HTML 1Page - Fairchild Semiconductor FDS6679 Datasheet HTML 2Page - Fairchild Semiconductor FDS6679 Datasheet HTML 3Page - Fairchild Semiconductor FDS6679 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
March 2005
©2005 Fairchild Semiconductor Corporation
FDS6679 Rev C1 (W)
FDS6679
30 Volt P-Channel PowerTrench
®
MOSFET
General Description
This
P-Channel
MOSFET
has
been
designed
specifically to improve the overall efficiency of DC/DC
converters using either synchronous or conventional
switching PWM controllers, and battery chargers.
These MOSFETs feature faster switching and lower
gate charge than other MOSFETs with comparable
RDS(ON) specifications.
The result is a MOSFET that is easy and safer to drive
(even at very high frequencies), and DC/DC power
supply designs with higher overall efficiency.
Features
• –13 A, –30 V. R
DS(ON) = 9 mΩ @ VGS = –10 V
RDS(ON) = 13 mΩ @ VGS = – 4.5 V
• Extended V
GSS range (±25V) for battery applications
• High performance trench technology for extremely
low RDS(ON)
• High power and current handling capability
S
D
S
S
SO-8
D
D
D
G
4
3
2
1
5
6
7
8
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
–30
V
VGSS
Gate-Source Voltage
±25
V
ID
Drain Current
– Continuous
(Note 1a)
–13
A
– Pulsed
–50
Power Dissipation for Single Operation
(Note 1a)
2.5
(Note 1b)
1.2
PD
(Note 1c)
1.0
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +175
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
25
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS6679
FDS6679
13’’
12mm
2500 units


Podobny numer części - FDS6679

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS6679 FAIRCHILD-FDS6679 Datasheet
69Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS6679AZ FAIRCHILD-FDS6679AZ Datasheet
414Kb / 6P
   P-Channel PowerTrench MOSFET -30V, -13A, 9mOhm
FDS6679AZ FAIRCHILD-FDS6679AZ Datasheet
434Kb / 6P
   P-Channel PowerTrench짰 MOSFET
logo
TECH PUBLIC Electronics...
FDS6679AZ TECHPUBLIC-FDS6679AZ Datasheet
1Mb / 3P
   P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
FDS6679AZ-NL VBSEMI-FDS6679AZ-NL Datasheet
995Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Podobny opis - FDS6679

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS7779Z FAIRCHILD-FDS7779Z Datasheet
318Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS7079ZN3 FAIRCHILD-FDS7079ZN3 Datasheet
183Kb / 6P
   30 Volt P-Channel PowerTrench MOSFET
FDS6679 FAIRCHILD-FDS6679 Datasheet
69Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS6681Z FAIRCHILD-FDS6681Z Datasheet
108Kb / 6P
   30 Volt P-Channel PowerTrench MOSFET
FDS6679Z FAIRCHILD-FDS6679Z Datasheet
66Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS4435BZ FAIRCHILD-FDS4435BZ Datasheet
94Kb / 4P
   30 Volt P-Channel PowerTrench MOSFET
FDS6673AZ FAIRCHILD-FDS6673AZ Datasheet
130Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDME910PZT FAIRCHILD-FDME910PZT Datasheet
271Kb / 7P
   P-Channel PowerTrench짰 MOSFET
FDS6675BZ FAIRCHILD-FDS6675BZ_08 Datasheet
457Kb / 6P
   P-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD4685-F085 ONSEMI-FDD4685-F085 Datasheet
740Kb / 7P
   P-Channel PowerTrench짰 MOSFET
September-2017,Rev.2
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com