Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FMBS549 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FMBS549
Szczegółowy opis  PNP Low Saturation Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMBS549 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FMBS549_06 Datasheet HTML 1Page - Fairchild Semiconductor FMBS549_06 Datasheet HTML 2Page - Fairchild Semiconductor FMBS549_06 Datasheet HTML 3Page - Fairchild Semiconductor FMBS549_06 Datasheet HTML 4Page - Fairchild Semiconductor FMBS549_06 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.fairchildsemi.com
FMBS549 Rev. B
Electrical Characteristics* T
C = 25°C unless otherwise noted
* DC Item are tested by Pulse Test: Pulse Width
≤300us, Duty Cycle≤2%
Symbol
Parameter
Conditions
Min.
Max.
Units
Off Characteristics
BVCEO
Collector-Emitter Breakdown Voltage *
IC = -10mA, IB = 0
-30
V
BVCBO
Collector-Base Breakdown Voltage
IC = -100µA, IE = 0
-35
V
BVEBO
Emitter-Base Breakdown Voltage
IE = -100µA, IC = 0
-5.0
V
ICBO
Collector Cutoff Current
VCB = -30V, IE = 0
VCB = -30V, IE = 0, Ta = 100°C
-100
-10
nA
µA
IEBO
Emitter Cutoff Current
VEB= -4.0V, IC=0
-100
nA
On Characteristics *
hFE
DC Current Gain
VCE = -2.0V, IC = -50mA
VCE = -2.0V, IC = -500mA
VCE = -2.0V, IC = -1A
VCE = -2.0V, IC = -2A
VCE = -0.8V, IC = -500mA
70
100
80
40
100
300
VCE (sat)
Collector-Emitter Saturation Voltage
IC = -250mA, IB = -25mA
IC = -500mA, IB = -50mA
IC = -1A, IB = -100mA
IC = -2A, IB = -200mA
-200
-350
-500
-750
mV
mV
mV
mV
VBE (sat)
Base-Emitter Saturation Voltage
IC = -1A, IB = -100mA
-1.25
V
VBE (on)
Base-Emitter On Voltage
IC = -1A, VCE = -2.0V
-1.0
V
Small Signal Characterics
fT
Current Gain Bandwidth Product
IC = -100mA, VCE = -5V,
f = 100MHz
100
MHz
Cob
Output Capacitance
VCB = -10V, IE = 0, f = 1MHz
25
pF


Podobny numer części - FMBS549_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FMBS549 FAIRCHILD-FMBS549 Datasheet
204Kb / 6P
   PNP Low Saturation Transistor
More results

Podobny opis - FMBS549_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSB660 FAIRCHILD-FSB660 Datasheet
223Kb / 7P
   PNP Low Saturation Transistor
FZT749 FAIRCHILD-FZT749 Datasheet
27Kb / 2P
   PNP Low Saturation Transistor
FMMT549 FAIRCHILD-FMMT549_06 Datasheet
151Kb / 5P
   PNP Low Saturation Transistor
FSB660 FAIRCHILD-FSB660_01 Datasheet
54Kb / 4P
   PNP Low Saturation Transistor
logo
ON Semiconductor
FZT790A ONSEMI-FZT790A Datasheet
279Kb / 7P
   PNP Low Saturation Transistor
February 2015 Rev. 3.1
FSB749 ONSEMI-FSB749 Datasheet
267Kb / 6P
   PNP Low Saturation Transistor
January 2014 Rev. 1.1.0
logo
Fairchild Semiconductor
FMBS549 FAIRCHILD-FMBS549 Datasheet
204Kb / 6P
   PNP Low Saturation Transistor
FPN660 FAIRCHILD-FPN660 Datasheet
57Kb / 5P
   PNP Low Saturation Transistor
ZTX749A FAIRCHILD-ZTX749A Datasheet
40Kb / 3P
   PNP Low Saturation Transistor
NZT660 FAIRCHILD-NZT660 Datasheet
200Kb / 7P
   PNP Low Saturation Transistor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com