Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL6116CB Arkusz danych(PDF) 11 Page - Intersil Corporation

Numer części ISL6116CB
Szczegółowy opis  Power Distribution Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6116CB Arkusz danych(HTML) 11 Page - Intersil Corporation

Back Button ISL6116CB Datasheet HTML 4Page - Intersil Corporation ISL6116CB Datasheet HTML 5Page - Intersil Corporation ISL6116CB Datasheet HTML 6Page - Intersil Corporation ISL6116CB Datasheet HTML 7Page - Intersil Corporation ISL6116CB Datasheet HTML 8Page - Intersil Corporation ISL6116CB Datasheet HTML 9Page - Intersil Corporation ISL6116CB Datasheet HTML 10Page - Intersil Corporation ISL6116CB Datasheet HTML 11Page - Intersil Corporation ISL6116CB Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
February 6, 2007
FIGURE 21. ISL6115EVAL1 HIGH SIDE SWITCH APPLICATION
FIGURE 22. ISL6116EVAL1 NEGATIVE VOLTAGE LOW SIDE
CONTROLLER
5
6
8
7
4
3
2
1
ISL6115
Q1
R2
R3
C1
C2
R4
D1
R5
D2
JP1
VBIAS
V+ B2
DD1
+12V
C3
R1
LOAD
-
+
PWRON
3.3V
B1
B5
B3
B4
U1
ISL6116
Q2
R2
R7
C1
R5
D2
C3
R1
LOAD
DD1
3.3V
+VBUS
-VBUS
OT1
R9
R8
HI J2
J3 LO
R6
R11
R10
ON
OFF
0-5V
U1
J1
J4
PWRON
TP8
LOGIN
TP9
R
G
1
TABLE 4. BILL OF MATERIALS, ISL6115EVAL1, ISL6116EVAL1
COMPONENT
DESIGNATOR
COMPONENT NAME
COMPONENT DESCRIPTION
Q1
HUF76132SK8
11.5m
Ω, 30V, 11.5A Logic Level N-Channel Power MOSFET or equiv.
Q2
HUF7554S3S
10m
Ω, 80V, 75A N-Channel Power MOSFET or equiv.
R1
Load Current Sense Resistor
Dale, WSL-2512 10m
Ω 1W Metal Strip Resistor
High Side R2
Overcurrent Voltage Threshold Set Resistor 750
Ω 805 Chip Resistor (Vth = 15mV)
Low side R2
Overcurrent Voltage Threshold Set Resistor 1.21k
Ω 805 Chip Resistor (Vth = 24mV)
C2
Time Delay Set Capacitor
0.047
μF 805 Chip Capacitor (4.5ms)
C1
Gate Timing Capacitor
0.001
μF 805 Chip Capacitor (<2ms)
C3
IC Decoupling Capacitor
0.1
μF 805 Chip Capacitor
R3
Gate Stability Resistor
20
Ω 805 Chip Resistor
R7
Gate to Drain Resistor
2k
Ω 805 Chip Resistor
JP1
Bias Voltage Selection Jumper
Install if switched rail voltage is = +12V ±15%. Remove and provide separate +12V
bias voltage to U1 via TP5 if ISL6116, ISL6117, ISL6120 being evaluated.
R4, R5
LED Series Resistors
2.32k
Ω 805 Chip Resistor
D1, D2
Fault Indicating LEDs
Low Current Red SMD LED
DD1
Fault Voltage Dropping Diode
3.3V Zener Diode, SOT-23 SMD 350mW
OT1
PWRON Level Shifting Opto-Coupler
PS2801-1 NEC
R8
Level Shifting Bias Resistor
2.32k
Ω 805 Chip Resistor
R9
Level Shifting Bias Resistor
1.18k
Ω 805 Chip Resistor
R10
Level Shifting Bias Resistor
200
Ω 805 Chip Resistor
RG1
HIP5600IS
High Voltage Linear Regulator
R6
Linear Regulator RF1
1.78k
Ω 805 Chip Resistor
R11
Linear Regulator RF2
15k
Ω 805 Chip Resistor
TP1-TP8
Test Points for Device Pin Numbers 1-8
ISL6115, ISL6116, ISL6117, ISL6120


Podobny numer części - ISL6116CB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL6116CBZA INTERSIL-ISL6116CBZA Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6116CBZA INTERSIL-ISL6116CBZA Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6116CBZA INTERSIL-ISL6116CBZA Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
ISL6116CBZA RENESAS-ISL6116CBZA Datasheet
716Kb / 14P
   Power Distribution Controllers
More results

Podobny opis - ISL6116CB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
   Power Distribution Controllers
March 2003
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115 Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
   12V Power Distribution Controllers
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com