Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQA7N80 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FQA7N80
Szczegółowy opis  800V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA7N80 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FQA7N80 Datasheet HTML 1Page - Fairchild Semiconductor FQA7N80 Datasheet HTML 2Page - Fairchild Semiconductor FQA7N80 Datasheet HTML 3Page - Fairchild Semiconductor FQA7N80 Datasheet HTML 4Page - Fairchild Semiconductor FQA7N80 Datasheet HTML 5Page - Fairchild Semiconductor FQA7N80 Datasheet HTML 6Page - Fairchild Semiconductor FQA7N80 Datasheet HTML 7Page - Fairchild Semiconductor FQA7N80 Datasheet HTML 8Page - Fairchild Semiconductor FQA7N80 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
FQA7N80 Rev. A1
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperatue
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
246
8
10
10
-1
10
0
10
1
150℃
25℃
-55℃
Notes :
1. V
DS = 50V
2. 250µs PulseTest
V
GS, Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-2
10
-1
10
0
10
1
V
GS
Top:
15.0V
10.0V
8.0V
7.0V
6.5V
6.0V
5.5V
Bottom: 5.0V
Notes :
1. 250µs PulseTest
2. T
C = 25℃
V
DS, Drain-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
10
1
150℃
Notes :
1. V
GS = 0V
2. 250µs PulseTest
25℃
V
SD, Source-Drain voltage [V]
0
5
10
15
20
25
0
1
2
3
4
V
GS = 20V
V
GS = 10V
Note : T
J = 25
I
D, Drain Current [A]
0
5
10
15
20
25
30
35
40
45
0
2
4
6
8
10
12
V
DS = 400V
V
DS = 160V
V
DS = 640V
Note : I
D = 6.6A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
500
1000
1500
2000
2500
3000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Note:
1. V
GS = 0 V
2. f =1MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]


Podobny numer części - FQA7N80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQA7N80 FAIRCHILD-FQA7N80 Datasheet
780Kb / 8P
   800V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA7N80 ISC-FQA7N80 Datasheet
369Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA7N80C FAIRCHILD-FQA7N80C Datasheet
610Kb / 8P
   800V N-Channel MOSFET
FQA7N80C FAIRCHILD-FQA7N80C Datasheet
791Kb / 9P
   800V N-Channel MOSFET
FQA7N80C FAIRCHILD-FQA7N80C Datasheet
798Kb / 8P
   800V N-Channel MOSFET
More results

Podobny opis - FQA7N80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
FQP2N80 FAIRCHILD-FQP2N80 Datasheet
649Kb / 8P
   800V N-Channel MOSFET
FQPF4N80 FAIRCHILD-FQPF4N80 Datasheet
639Kb / 8P
   800V N-Channel MOSFET
FQPF6N80 FAIRCHILD-FQPF6N80 Datasheet
665Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_06 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_07 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
HFS3N80 SEMIHOW-HFS3N80 Datasheet
1Mb / 8P
   800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com