Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQA90N15 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FQA90N15
Szczegółowy opis  N-Channel Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA90N15 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FQA90N15 Datasheet HTML 1Page - Fairchild Semiconductor FQA90N15 Datasheet HTML 2Page - Fairchild Semiconductor FQA90N15 Datasheet HTML 3Page - Fairchild Semiconductor FQA90N15 Datasheet HTML 4Page - Fairchild Semiconductor FQA90N15 Datasheet HTML 5Page - Fairchild Semiconductor FQA90N15 Datasheet HTML 6Page - Fairchild Semiconductor FQA90N15 Datasheet HTML 7Page - Fairchild Semiconductor FQA90N15 Datasheet HTML 8Page - Fairchild Semiconductor FQA90N15 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.fairchildsemi.com
FQH90N15 / FQA90N15 Rev. C
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
1. V
GS = 10 V
2. I
D = 45 A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes :
1. V
GS = 0 V
2. I
D = 250 μA
T
J, Junction Temperature [
oC]
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
25
50
75
100
125
150
175
0
20
40
60
80
100
T
C, Case Temperature [
oC]
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
10
3
10 μs
DC
10 ms
1 ms
100 μs
Operation in This Area
is Limited by R
DS(on)
Notes :
1. T
C = 25
oC
2. T
J = 175
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
Figure 11. Transient Thermal Response Curve
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
N o te s :
1 . Z
?J C (t ) = 0 . 4
o C/W M a x .
2 . D u ty F a c to r , D = t
1 /t 2
3 . T
JM - T C = P DM * Z ?J C (t )
s ingle puls e
D= 0 .5
0.02
0.2
0.0 5
0.1
0.01
t
1 , S q u a r e W a v e P u l s e D u r a ti o n [s e c ]
t1
PDM
t2


Podobny numer części - FQA90N15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
   N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
678Kb / 9P
   N-Channel Power MOSFET
logo
ON Semiconductor
FQA90N15-F109 ONSEMI-FQA90N15-F109 Datasheet
1Mb / 8P
   N-Channel QFET® MOSFET 150 V, 90 A, 18 mΩ
September-2017, Rev. 2
More results

Podobny opis - FQA90N15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com