Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5547IRGZRG4 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części ADS5547IRGZRG4
Szczegółowy opis  14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS5547IRGZRG4 Arkusz danych(HTML) 5 Page - Texas Instruments

  ADS5547IRGZRG4 Datasheet HTML 1Page - Texas Instruments ADS5547IRGZRG4 Datasheet HTML 2Page - Texas Instruments ADS5547IRGZRG4 Datasheet HTML 3Page - Texas Instruments ADS5547IRGZRG4 Datasheet HTML 4Page - Texas Instruments ADS5547IRGZRG4 Datasheet HTML 5Page - Texas Instruments ADS5547IRGZRG4 Datasheet HTML 6Page - Texas Instruments ADS5547IRGZRG4 Datasheet HTML 7Page - Texas Instruments ADS5547IRGZRG4 Datasheet HTML 8Page - Texas Instruments ADS5547IRGZRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS5547
SLWS192A – NOVEMBER 2006 – REVISED MAY 2007
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C,
AVDD = DRVDD = 3.3 V, sampling rate = 210 MSPS, sine wave input clock, 1.5 V
PP differential clock amplitude, 50% clock
duty cycle, –1 dBFS differential analog input, internal reference mode, 0 db gain, DDR LVDS data output (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC CHARACTERISTICS
FIN = 20 MHz
73.6
FIN = 70 MHz
71
73.3
FIN = 100 MHz
72.9
FIN = 170 MHz
71.7
0 dB gain, 2 VPP FS(1)
71
SNR
Signal to noise ratio
FIN = 230 MHz
dBFS
3 dB gain, 1.4 VPP FS
69.1
0 dB gain, 2 VPP FS
70
FIN = 300 MHz
3 dB gain, 1.4 VPP FS
68.6
0 dB gain, 2 VPP FS
68.5
FIN = 400 MHz
3 dB gain, 1.4 VPP FS
67.7
RMS output noise
Inputs tied to common-mode
1.18
LSB
FIN = 20 MHz
87
FIN = 70 MHz
76
85
FIN = 100 MHz
78
FIN = 170 MHz
79
0 dB gain, 2 VPP FS
75
SFDR
Spurious free dynamic range
FIN = 230 MHz
dBc
3 dB gain, 1.4 VPP FS
78
0 dB gain, 2 VPP FS
74
FIN = 300 MHz
3 dB gain, 1.4 VPP FS
76
0 dB gain, 2 VPP FS
68
FIN = 400 MHz
3 dB gain, 1.4 VPP FS
70
FIN = 20 MHz
73
FIN = 70 MHz
70
72.6
FIN = 100 MHz
71.1
FIN = 170 MHz
70.7
FIN = 230 MHz
0 dB gain, 2 VPP FS
69
SINAD
Signal to noise and distortion ratio
dBFS
3 dB gain, 1.4 VPP FS
68.7
0 dB gain, 2 VPP FS
67.8
FIN = 300 MHz
3 dB gain, 1.4 VPP FS
67.6
0 dB gain, 2 VPP FS
63.5
FIN = 400 MHz
3 dB gain, 1.4 VPP FS
64.3
FIN = 20 MHz
92
FIN = 70 MHz
76
90
FIN = 100 MHz
90
FIN = 170 MHz
88
FIN = 230 MHz
0 dB gain, 2 VPP FS
86
HD2
Second harmonic
dBc
3 dB gain, 1.4 VPP FS
88
0 dB gain, 2 VPP FS
78
FIN = 300 MHz
3 dB gain, 1.4 VPP FS
80
0 dB gain, 2 VPP FS
69
FIN = 400 MHz
3 dB gain, 1.4 VPP FS
71
(1)
FS = Full scale range
5
Submit Documentation Feedback


Podobny numer części - ADS5547IRGZRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5547IRGZR TI-ADS5547IRGZR Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Podobny opis - ADS5547IRGZRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527_07 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5546 TI-ADS5546 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545 TI1-ADS5545_13 Datasheet
2Mb / 59P
[Old version datasheet]   14-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49_1 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com