Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FSTD3306MTCX Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FSTD3306MTCX
Szczegółowy opis  2-Bit Low-Power Bus Switch with Level Shifting
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTD3306MTCX Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FSTD3306MTCX Datasheet HTML 1Page - Fairchild Semiconductor FSTD3306MTCX Datasheet HTML 2Page - Fairchild Semiconductor FSTD3306MTCX Datasheet HTML 3Page - Fairchild Semiconductor FSTD3306MTCX Datasheet HTML 4Page - Fairchild Semiconductor FSTD3306MTCX Datasheet HTML 5Page - Fairchild Semiconductor FSTD3306MTCX Datasheet HTML 6Page - Fairchild Semiconductor FSTD3306MTCX Datasheet HTML 7Page - Fairchild Semiconductor FSTD3306MTCX Datasheet HTML 8Page - Fairchild Semiconductor FSTD3306MTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSTD3306 Rev. 1.2.2 • 8/9/06
3
Absolute Maximum Ratings
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The
device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables
are not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table defines the
conditions for actual device operation.
Symbol
Parameter
Condition
Min.
Typ.
Max
Unit
VCC
Supply Voltage
- 0.5
+ 7.0
V
VS
DC Switch Voltage
- 0.5
+ 7.0
V
VIN
DC Output Voltage
(1)
- 0.5
+ 7.0
V
IIK
DC Input Diode Current
VIN < 0V
- 50
mA
IOUT
DC Output Sink Current
128
mA
ICC/IGND
DC VCC or Ground Current
± 100
mA
TSTG
Storage Temperature Range
- 65
+150
°C
TJ
Junction Temperature
under Bias
+ 150
°C
TL
Junction Lead Temperature
(Soldering, 10 Seconds)
+ 260
°C
PD
Power Dissipation
at +85°C
250
mW
Notes:
1.
The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are
observed.
Recommended Operating Conditions
(2)
Symbol
Parameter
Condition
Min.
Typ.
Max
Unit
VCC
Supply Voltage
4.5
5.5
V
VIN
Control Input Voltage
0.0
5.5
V
VIN
Switch Input Voltage
0.0
5.5
V
VOUT
Switch Output Voltage
0.0
5.5
V
TA
Operating Temperature
- 40
+ 85
°C
Control Input
0
5
ns/V
tr, tf
Input Rise and Fall Time
Switch I/O
0
DC
ns/V
Θ
JA
Thermal Resistance
250
°C/W
Notes:
2.
Unused logic inputs must be held HIGH or LOW. They may not float.


Podobny numer części - FSTD3306MTCX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSTD3306MTC FAIRCHILD-FSTD3306MTC Datasheet
224Kb / 5P
   2-Bit Low Power Bus Switch with Level Shifting
More results

Podobny opis - FSTD3306MTCX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
NC7WBD3306 FAIRCHILD-NC7WBD3306_05 Datasheet
187Kb / 10P
   2-Bit Low Power Bus Switch with Level Shifting
FSTD3306 FAIRCHILD-FSTD3306 Datasheet
224Kb / 5P
   2-Bit Low Power Bus Switch with Level Shifting
logo
ON Semiconductor
NC7WBD3125 ONSEMI-NC7WBD3125 Datasheet
298Kb / 12P
   2-Bit Low Power Bus Switch with Level Shifting
Revised December 2005
logo
Fairchild Semiconductor
NC7WBD3125 FAIRCHILD-NC7WBD3125_05 Datasheet
191Kb / 10P
   2-Bit Low Power Bus Switch with Level Shifting
NC7WBD3306 FAIRCHILD-NC7WBD3306 Datasheet
196Kb / 9P
   TinyLogic. UHS 2-Bit Low Power Bus Switch with Level Shifting
NC7WBD3125 FAIRCHILD-NC7WBD3125 Datasheet
195Kb / 9P
   TinyLogic. UHS 2-Bit Low Power Bus Switch with Level Shifting
NC7SZD384 FAIRCHILD-NC7SZD384_05 Datasheet
227Kb / 11P
   1-Bit Low Power Bus Switch with Level Shifting
FSTD16861 FAIRCHILD-FSTD16861 Datasheet
164Kb / 5P
   20-Bit Bus Switch with Level Shifting
FSTD3125 FAIRCHILD-FSTD3125_05 Datasheet
153Kb / 7P
   4-Bit Bus Switch with Level Shifting
FSTD16861 FAIRCHILD-FSTD16861_05 Datasheet
174Kb / 6P
   20-Bit Bus Switch with Level Shifting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com