Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3107D2 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3107D2
Szczegółowy opis  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA3107D2 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TPA3107D2 Datasheet HTML 7Page - Texas Instruments TPA3107D2 Datasheet HTML 8Page - Texas Instruments TPA3107D2 Datasheet HTML 9Page - Texas Instruments TPA3107D2 Datasheet HTML 10Page - Texas Instruments TPA3107D2 Datasheet HTML 11Page - Texas Instruments TPA3107D2 Datasheet HTML 12Page - Texas Instruments TPA3107D2 Datasheet HTML 13Page - Texas Instruments TPA3107D2 Datasheet HTML 14Page - Texas Instruments TPA3107D2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
www.ti.com
140
-40
0
20
40
60
0
40
2
10
14
20
28
32
38
f-Frequency-Hz
10
100
1k
10k
100k
200
180
120
80
Gain
Phase
V
=12V
R =8
V =0.1V
C =10 F
Gain=32dB
RCfilter=100
,10nF
CC
L
I
rms
I
W
m
W
100
160
-20
-60
-80
-120
-100
-140
-160
-180
-200
36
30
34
26
24
22
16
12
18
4
6
8
140
-40
0
20
40
60
0
40
2
10
14
20
28
32
38
f-Frequency-Hz
10
100
1k
10k
100k
200
180
120
80
Gain
Phase
V
=24V
R =8
V =0.1V
C =10 F
Gain=32dB
RCfilter=100
,10nF
CC
L
I
rms
I
W
m
W
100
160
-20
-60
-80
-120
-100
-140
-160
-180
-200
36
30
34
26
24
22
16
12
18
4
6
8
V
-SupplyVoltage-V
CC
5
7.5
10
12.5
15
17.5
22.5
20
30
25
35
27.5
32.5
37.5
10
12
14
16
18
20
22
24
26
THD+N=10%
THD+N=1%
R =8
Gain=20dB
L
W
PO − TotalOutputPower − W
0
0.5
1
1.5
2
2.5
0
10
20
30
40
RL =8 Ω
Gain=32dB
VCC =24V
VCC =12V
VCC =18V
TPA3107D2
SLOS509A – OCTOBER 2006 – REVISED NOVEMBER 2006
CLOSED LOOP RESPONSE
CLOSED LOOP RESPONSE
vs
vs
FREQUENCY
FREQUENCY
Figure 11.
Figure 12.
OUTPUT POWER
SUPPLY CURRENT
vs
vs
SUPPLY VOLTAGE
TOTAL OUTPUT POWER
Figure 13.
Figure 14.
11
Submit Documentation Feedback


Podobny numer części - TPA3107D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2PAP TI1-TPA3107D2PAP Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2PAPG4 TI1-TPA3107D2PAPG4 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2PAPR TI-TPA3107D2PAPR Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA3107D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2 Datasheet
416Kb / 20P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com