Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS12A4514P Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części TS12A4514P
Szczegółowy opis  LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS12A4514P Arkusz danych(HTML) 5 Page - Texas Instruments

  TS12A4514P Datasheet HTML 1Page - Texas Instruments TS12A4514P Datasheet HTML 2Page - Texas Instruments TS12A4514P Datasheet HTML 3Page - Texas Instruments TS12A4514P Datasheet HTML 4Page - Texas Instruments TS12A4514P Datasheet HTML 5Page - Texas Instruments TS12A4514P Datasheet HTML 6Page - Texas Instruments TS12A4514P Datasheet HTML 7Page - Texas Instruments TS12A4514P Datasheet HTML 8Page - Texas Instruments TS12A4514P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
Electrical Characteristics for 3-V Supply
(1)
TS12A4514
,, TS12A4515
LOW-VOLTAGE, LOW ON-STATE RESISTANCE
SPST CMOS ANALOG SWITCHES
SCDS193B – AUGUST 2006 – REVISED MARCH 2007
V
+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
MIN TYP(2)
MAX
UNIT
Analog Switch
Analog signal range
VCOM, VNO, VNC
0
V+
V
25
°C
18.5
40
V+ = 3 V, VCOM = 1.5 V,
ON-state resistance
ron
INO = 1 mA,
Full
50
V+ = 3 V,
25
°C
1
3
ON-state resistance
ron(flat)
VCOM = 1 V, 1.5 V, 2 V,
flatness
Full
4
ICOM = 1 mA
25
°C
1
NO, NC
INO(OFF),
V+ = 3.6 V, VCOM = 1 V,
nA
OFF leakage current(3)
INC(OFF)
VNO or VNC = 3 V
Full
10
25
°C
1
COM
V+ = 3.6 V, VCOM = 1 V,
ICOM(OFF)
nA
OFF leakage current(3)
VNO or VNC = 3 V
Full
10
25
°C
1
COM
V+ = 3.6 V, VCOM = 3 V,
ICOM(ON)
nA
ON leakage current(3)
VNO or VNC = 3 V
Full
10
Digital Control Input (IN)
Input logic high
VIH
Full
2.4
V+
V
Input logic low
VIL
Full
0
0.8
V
Input leakage current
IIH, IIL
VIN = V+, 0 V
Full
0.01
µA
Dynamic
25
°C
63
120
Turn-on time(4)
tON
See Figure 2
ns
Full
175
25
°C
33
80
Turn-off time(4)
tOFF
See Figure 2
ns
Full
120
Charge injection(4)
QC
CL = 1 nF, See Figure 1
25
°C
–1.5
pC
NO, NC
CNO(OFF),
f = 1 MHz, See Figure 4
25
°C
7.5
pF
OFF capacitance
CNC(OFF)
COM
CCOM(OFF)
f = 1 MHz, See Figure 4
25
°C
7.5
pF
OFF capacitance
COM
CCOM(ON)
f = 1 MHz, See Figure 4
25
°C
17
pF
ON capacitance
Digital input capacitance
CI
VIN = V+, 0 V
25
°C
1.5
pF
RL = 50 Ω, CL = 15 pF,
Bandwidth
BW
25
°C
460
MHz
VNO = 1 VRMS, f = 100 kHz
RL = 50 Ω, CL = 15 pF,
OFF isolation
OISO
25
°C
–94
dB
VNO = 1 VRMS, f = 100 kHz
RL = 50 Ω, CL = 15 pF,
Total harmonic distortion
THD
25
°C
0.15
%
VNO = 1 VRMS, f = 100 kHz
Supply
25
°C
0.03
V+ supply current
I+
VIN = 0 V or V+
µA
Full
0.05
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
(2)
Typical values are at TA = 25°C.
(3)
Leakage parameters are 100% tested at maximum-rated hot operating temperature, and are ensured by correlation at 25
°C.
(4)
Specified by design, not production tested
5
Submit Documentation Feedback


Podobny numer części - TS12A4514P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS12A4514 TI1-TS12A4514 Datasheet
717Kb / 19P
[Old version datasheet]   SPST CMOS ANALOG SWITCHES
TS12A4514 TI1-TS12A4514_14 Datasheet
717Kb / 19P
[Old version datasheet]   SPST CMOS ANALOG SWITCHES
TS12A4514 TI-TS12A4514_15 Datasheet
683Kb / 18P
[Old version datasheet]   SPST CMOS ANALOG SWITCHES
More results

Podobny opis - TS12A4514P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX4514EUK-T MAXIM-MAX4514EUK-T Datasheet
396Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 1; 5/05
MAX4514 MAXIM-MAX4514 Datasheet
80Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 0; 6/96
MAX4514 MAXIM-MAX4514_V01 Datasheet
396Kb / 8P
    Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
2005
logo
Texas Instruments
TS12A44513 TI-TS12A44513_10 Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_14 Datasheet
936Kb / 19P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI-TS12A44513 Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516_10 Datasheet
461Kb / 14P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_16 Datasheet
962Kb / 24P
[Old version datasheet]   Low ON-State Resistance 4-Channel SPST CMOS Analog Switches
TS12A4516_101 TI-TS12A4516_101 Datasheet
519Kb / 15P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516 Datasheet
274Kb / 11P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com