Zakładka z wyszukiwarką danych komponentów |
|
TS12A4514P Arkusz danych(PDF) 1 Page - Texas Instruments |
|
|
TS12A4514P Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 15 page www.ti.com FEATURES DESCRIPTION/ORDERING INFORMATION TS12A4514 ,, TS12A4515 LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES SCDS193B – AUGUST 2006 – REVISED MARCH 2007 • 2-V to 12-V Single-Supply Operation • Specified Low ON-Leakage Currents: • Specified ON-State Resistance: – 1 nA at 25 °C – 15 Ω Max With 12-V Supply – 10 nA at 85 °C – 20 Ω Max With 5-V Supply • Low Charge Injection: 11.5 pC (12-V Supply) – 50 Ω Max With 3.3-V Supply • Fast Switching Speed: t ON = 80 ns, tOFF = 50 ns (12-V Supply) • Specified Low OFF-Leakage Currents: • Break-Before-Make Operation (t ON > tOFF) – 1 nA at 25 °C • TTL/CMOS-Logic Compatible With 5-V Supply – 10 nA at 85 °C The TS12A4514/TS12A4515 are single pole/single throw (SPST), low-voltage, single-supply CMOS analog switches, with very low switch ON-state resistance. The TS12A4514 is normally open (NO). The TS12A4515 is normally closed (NC). These CMOS switches can operate continuously with a single supply between 2 V and 12 V. Each switch can handle rail-to-rail analog signals. The OFF-leakage current maximum is only 1 nA at 25 °C or 10 nA at 85°C. All digital inputs have 0.8-V to 2.4-V logic thresholds, ensuring TTL/CMOS-logic compatibility when using a 5-V supply. For pin-compatible parts for use with dual supplies, see the TS12A4516/TS12A4517. ORDERING INFORMATION TA PACKAGE(1) ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP – P Reel of 1000 TS12A4514P TS12A4514P Reel of 1500 TS12A4514D SOIC – D YD514 Reel of 2500 TS12A4514DR SOP (SOT-23) – DBV Reel of 3000 TS12A4514DBVR PREVIEW –40 °C to 85°C PDIP – P Reel of 1000 TS12A4515P TS12A4515P Reel of 1500 TS12A4515D SOIC – D YD515 Reel of 2500 TS12A4515DR SOP (SOT-23) – DBV Reel of 3000 TS12A4515DBVR PREVIEW (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. UNLESS OTHERWISE NOTED this document contains Copyright © 2006–2007, Texas Instruments Incorporated PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Podobny numer części - TS12A4514P |
|
Podobny opis - TS12A4514P |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |