Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA5M0965Q Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części KA5M0965Q
Szczegółowy opis  Fairchild Power Switch(FPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5M0965Q Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  KA5M0965Q_03 Datasheet HTML 1Page - Fairchild Semiconductor KA5M0965Q_03 Datasheet HTML 2Page - Fairchild Semiconductor KA5M0965Q_03 Datasheet HTML 3Page - Fairchild Semiconductor KA5M0965Q_03 Datasheet HTML 4Page - Fairchild Semiconductor KA5M0965Q_03 Datasheet HTML 5Page - Fairchild Semiconductor KA5M0965Q_03 Datasheet HTML 6Page - Fairchild Semiconductor KA5M0965Q_03 Datasheet HTML 7Page - Fairchild Semiconductor KA5M0965Q_03 Datasheet HTML 8Page - Fairchild Semiconductor KA5M0965Q_03 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
KA5M0965Q
2
Absolute Maximum Ratings
Note:
1. Tj = 25
°C to 150°C
2. Repetitive rating: Pulse width limited by maximum junction temperature
3. L = 20mH, VDD = 50V, RG = 27
Ω, starting Tj = 25°C
Characteristic
Symbol
Value
Unit
Drain-Gate Voltage (RGS=1M
Ω)VDGR
650
V
Gate-Source (GND) Voltage
VGS
±30
V
Drain Current Pulsed (2)
IDM
36.0
ADC
Single Pulsed Avalanche Energy (3)
EAS
950
mJ
Continuous Drain Current (TC=25
°C)
ID
9.0
ADC
Continuous Drain Current (TC=100
°C)
ID
5.8
ADC
Maximum Supply Voltage
VCC,MAX
30
V
Input Voltage Range
VFB
-0.3 to VSD
V
Total Power Dissipation
PD (watt H/S)
170
W
Darting
1.33
W/
°C
Operating Ambient Temperature
TA
-25 to +85
°C
Storage Temperature
TSTG
-55 to +150
°C


Podobny numer części - KA5M0965Q_03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA5M0965Q-TU FAIRCHILD-KA5M0965Q-TU Datasheet
636Kb / 14P
   Fairchild Power Switch(SPS)
KA5M0965Q-YDTU FAIRCHILD-KA5M0965Q-YDTU Datasheet
636Kb / 14P
   Fairchild Power Switch(SPS)
More results

Podobny opis - KA5M0965Q_03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com