Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA5X03XX Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części KA5X03XX
Szczegółowy opis  Fairchild Power Switch(FPS)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5X03XX Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  KA5X03XX Datasheet HTML 1Page - Fairchild Semiconductor KA5X03XX Datasheet HTML 2Page - Fairchild Semiconductor KA5X03XX Datasheet HTML 3Page - Fairchild Semiconductor KA5X03XX Datasheet HTML 4Page - Fairchild Semiconductor KA5X03XX Datasheet HTML 5Page - Fairchild Semiconductor KA5X03XX Datasheet HTML 6Page - Fairchild Semiconductor KA5X03XX Datasheet HTML 7Page - Fairchild Semiconductor KA5X03XX Datasheet HTML 8Page - Fairchild Semiconductor KA5X03XX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
KA5X03XX-SERIES
4
Electrical Characteristics (Control Part) (Continued)
(Ta = 25
°C unless otherwise specified)
Note:
1. These parameters, although guaranteed, are not 100% tested in production
2. These parameters, although guaranteed, are tested in EDS(water test) process
Characteristic
Symbol
Test condition
Min.
Typ.
Max.
Unit
UVLO SECTION
Start Threshold Voltage
VSTART
VFB=GND
14
15
16
V
Stop Threshold Voltage
VSTOP
VFB=GND
8.499.6
V
OSCILLATOR SECTION
Initial Accuracy
FOSC
KA5H0365R
KA5H0380R
90
100
110
kHz
Initial Accuracy
FOSC
KA5M0365R
KA5M0380R
61
67
73
kHz
Initial Accuracy
FOSC
KA5L0365R
KA5L0380R
45
50
55
kHz
Frequency Change With Temperature (2)
--25
°C≤Ta≤+85°C-
±5
±10
%
Maximum Duty Cycle
Dmax
KA5H0365R
KA5H0380R
62
67
72
%
Maximum Duty Cycle
Dmax
KA5M0365R
KA5M0380R
KA5L0365R
KA5L0380R
72
77
82
%
FEEDBACK SECTION
Feedback Source Current
IFB
Ta=25
°C, 0V<Vfb<3V
0.7
0.9
1.1
mA
Shutdown Feedback Voltage
VSD
Vfb>6.5V
6.9
7.5
8.1
V
Shutdown Delay Current
Idelay
Ta=25
°C, 5V≤Vfb≤VSD
456
µA
REFERENCE SECTION
Output Voltage (1)
Vref
Ta=25
°C
4.805.005.20
V
Temperature Stability (1)(2)
Vref/
∆T-25°C≤Ta≤+85°C-
0.3
0.6
mV/
°C
CURRENT LIMIT(SELF-PROTECTION)SECTION
Peak Current Limit
IOVER
Max. inductor current
1.89
2.15
2.41
A
PROTECTION SECTION
Over Voltage Protection
VOVP
VCC>24V
25
27
29
V
Thermal Shutdown Temperature (Tj) (1)
TSD
-
140
160
-
°C
TOTAL STANDBY CURRENT SECTION
Start-up Current
ISTART
VCC=14V
-
100
170
µA
Operating Supply Current
(Control Part Only)
IOP
VCC<28
-
7
12
mA


Podobny numer części - KA5X03XX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA5X03XX FAIRCHILD-KA5X03XX Datasheet
944Kb / 20P
   Fairchild Power Switch(FPS)
More results

Podobny opis - KA5X03XX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com