Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST6G3237TBR Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części ST6G3237TBR
Szczegółowy opis  Dual supply level translator for SD/ MINISD / T-FLASH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3237TBR Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button ST6G3237TBR Datasheet HTML 6Page - STMicroelectronics ST6G3237TBR Datasheet HTML 7Page - STMicroelectronics ST6G3237TBR Datasheet HTML 8Page - STMicroelectronics ST6G3237TBR Datasheet HTML 9Page - STMicroelectronics ST6G3237TBR Datasheet HTML 10Page - STMicroelectronics ST6G3237TBR Datasheet HTML 11Page - STMicroelectronics ST6G3237TBR Datasheet HTML 12Page - STMicroelectronics ST6G3237TBR Datasheet HTML 13Page - STMicroelectronics ST6G3237TBR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Electrical characteristics
ST6G3237
10/17
4.3
Output slew rate
4.4
Capacitance characteristics
Table 8.
Output slew rate (f = 1MHz, 50% duty cycle, CL = 30pF, RL = 500Ω)
Symbol
Parameter
From
To
VCCA = 1.8V ± 0.15V
VCCB = 3V ± 0.3V
Unit
Min.
Max.
tr
Rise time
20%
80%
3
ns
tf
Fall time
80%
20%
3
ns
Table 9.
Capacitance characteristics
Symbol
Parameter
Test condition
Value
Unit
VCCB (V)
VCCA (V)
TA = 25 °C
Min.
Typ.
Max.
CINB
Input capacitance
Open
Open
5
pF
CI/O
Input/Output
capacitance
3.0
1.8
6
pF
CPD
(1)
1.
CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the
operating current consumption without load. (Refer to Test Circuit). Average current can be obtained by the
following equation. ICC(opr) - CPD x VCC x fIN + ICC/16 (per circuit)
Power dissipation
capacitance
3.0
2.5
f=10MHz
29
pF
3.0
1.8
29


Podobny numer części - ST6G3237TBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST6G3237B STMICROELECTRONICS-ST6G3237B Datasheet
208Kb / 16P
   Dual supply level translator for SD/ MINISD / T-FLASH
ST6G3237BTBR STMICROELECTRONICS-ST6G3237BTBR Datasheet
208Kb / 16P
   Dual supply level translator for SD/ MINISD / T-FLASH
More results

Podobny opis - ST6G3237TBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST6G3237B STMICROELECTRONICS-ST6G3237B Datasheet
208Kb / 16P
   Dual supply level translator for SD/ MINISD / T-FLASH
ST6G3238E STMICROELECTRONICS-ST6G3238E Datasheet
224Kb / 17P
   Dual Supply Level Translator for SD/ MINISD/ T-FLASH With 짹8KV Contact Discharge ESD Protection
ST6G3238BE STMICROELECTRONICS-ST6G3238BE Datasheet
299Kb / 17P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
ST6G3238E STMICROELECTRONICS-ST6G3238E_06 Datasheet
257Kb / 19P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
ST6G3240 STMICROELECTRONICS-ST6G3240 Datasheet
559Kb / 29P
   Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
logo
ITT Industries
CCM05-5502R901 ITT-CCM05-5502R901 Datasheet
435Kb / 5P
   SD, MMC & miniSD
logo
ON Semiconductor
NLSX4401 ONSEMI-NLSX4401 Datasheet
107Kb / 13P
   Dual-Supply Level Translator
March, 2015 ??Rev. 1
NLSX3012 ONSEMI-NLSX3012_11 Datasheet
176Kb / 12P
   Dual-Supply Level Translator
September, 2011 ??Rev. 2
NLSV1T240 ONSEMI-NLSV1T240 Datasheet
90Kb / 6P
   1-Bit Dual-Supply Inverting Level Translator
March, 2008 - Rev. 3
NLSV2T240 ONSEMI-NLSV2T240_12 Datasheet
119Kb / 6P
   2-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com