Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5411 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS5411
Szczegółowy opis  11 Bit, 105 MSPS Analog-to-Digital Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS5411 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS5411 Datasheet HTML 6Page - Texas Instruments ADS5411 Datasheet HTML 7Page - Texas Instruments ADS5411 Datasheet HTML 8Page - Texas Instruments ADS5411 Datasheet HTML 9Page - Texas Instruments ADS5411 Datasheet HTML 10Page - Texas Instruments ADS5411 Datasheet HTML 11Page - Texas Instruments ADS5411 Datasheet HTML 12Page - Texas Instruments ADS5411 Datasheet HTML 13Page - Texas Instruments ADS5411 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ADS5411
SLAS487 − SEPTEMBER 2005
www.ti.com
10
TYPICAL CHARACTERISTICS
Typical values are at TA = 25°C, AVDD = 5 V, DRVDD = 3.3 V, differential input amplitude = −1 dBFS, sampling rate
= 105 MSPS, 3 VPP sinusoidal clock, 50% duty cycle, 8k FFT points, unless otherwise noted
−120
−100
−80
−60
−40
−20
0
f − Frequency − MHz
SPECTRAL PERFORMANCE
fS = 105 MSPS
fIN = 30 MHz
SNR = 66.5 dBc
SINAD = 66.5 dBc
SFDR = 92 dBc
THD = 89 dBc
1
2
3
5
6
X
4
10
030
20
40
50
Figure 8.
Figure 9.
−120
−100
−80
−60
−40
−20
0
f − Frequency − MHz
SPECTRAL PERFORMANCE
fS = 105 MSPS
fIN = 70 MHz
SNR = 66.2 dBc
SINAD = 66.1 dBc
SFDR = 91 dBc
THD = 88 dBc
1
2
3
5
6
X
4
10
030
20
40
50
−120
−100
−80
−60
−40
−20
0
0
10203040
f − Frequency − MHz
SPECTRAL PERFORMANCE
fS = 92.16 MSPS
fIN = 170 MHz
SNR = 65.5 dBc
SINAD = 65.3 dBc
SFDR = 80 dBc
THD = 78 dBc
1
2
3
5
6
X
4
Figure 10.
Figure 11.
AIN − Input Amplitude − dB
−20
0
20
40
60
80
100
−70
−60
−50
−40
−30
−20
−10
0
fS = 105 MSPS
fIN = 170 MHz
AC PERFORMANCE
vs
INPUT AMPLITUDE
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
SFDR (dBFS)
Figure 12.
Figure 13.
fS − Sampling Frequency − MSPS
1.81
1.82
1.83
1.84
1.85
1.86
1.87
1.88
1.89
1.90
0
20
40
60
80
100
120
140
TOTAL POWER
vs
SAMPLING FREQUENCY
−10
−8
−6
−4
−2
0
2
fIN − Input Frequency − MHz
INPUT BANDWIDTH
1
10
100
1k


Podobny numer części - ADS5411

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5411IPGP TI1-ADS5411IPGP Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPGPR TI1-ADS5411IPGPR Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPJY TI1-ADS5411IPJY Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPJYG3 TI1-ADS5411IPJYG3 Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
More results

Podobny opis - ADS5411

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9627-11 AD-AD9627-11_15 Datasheet
4Mb / 72P
   11-Bit, 105 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
logo
Texas Instruments
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
ADS5424 TI1-ADS5424_14 Datasheet
1Mb / 29P
[Old version datasheet]   14 Bit, 105 MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510_07 Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5510 BURR-BROWN-ADS5510 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5424-SP TI1-ADS5424-SP_15 Datasheet
445Kb / 24P
[Old version datasheet]   CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5424-SP TI1-ADS5424-SP Datasheet
400Kb / 22P
[Old version datasheet]   CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com