Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AHC1G08-Q1 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AHC1G08-Q1
Szczegółowy opis  SINGLE 2-INPUT POSITIVE-AND GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC1G08-Q1 Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74AHC1G08-Q1 Datasheet HTML 1Page - Texas Instruments SN74AHC1G08-Q1 Datasheet HTML 2Page - Texas Instruments SN74AHC1G08-Q1 Datasheet HTML 3Page - Texas Instruments SN74AHC1G08-Q1 Datasheet HTML 4Page - Texas Instruments SN74AHC1G08-Q1 Datasheet HTML 5Page - Texas Instruments SN74AHC1G08-Q1 Datasheet HTML 6Page - Texas Instruments SN74AHC1G08-Q1 Datasheet HTML 7Page - Texas Instruments SN74AHC1G08-Q1 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SN74AHC1G08Q1
SINGLE 2INPUT POSITIVEAND GATE
SCLS592B − OCTOBER 2004 – REVISED MARCH 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualification in Accordance With
AEC-Q100
D Qualified for Automotive Applications
D Customer-Specific Configuration Control
Can Be Supported Along With
Major-Change Approval
D Operating Range of 2 V to 5.5 V
D Max tpd of 9 ns at 5 V
D Low Power Consumption, 20-µA Max ICC
D ±8-mA Output Drive at 5 V
D Schmitt Trigger Action at All Inputs Makes
the Circuit Tolerant for Slower Input Rise
and Fall Time
D ESD Protection Level Per AEC-Q100
Classification
− 2000-V (H2) Human-Body Model
− 200-V (M3) Machine Model
− 1000-V (C5) Charged-Device Model
† Contact factory for details. Q100 qualification data available on
request.
description/ordering information
The SN74AHC1G08 is a single 2-input positive-AND gate. The device performs the Boolean function
Y
+ A • Bor Y + A ) B in positive logic.
ORDERING INFORMATION
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING§
−40
°C to 85°C
SOT (SOT-23) − DBV
Reel of 3000
SN74AHC1G08IDBVRQ1
A08_
−40
°C to 85°C
SOT (SC-70) − DCK
Reel of 3000
SN74AHC1G08IDCKRQ1
AE_
−40
°C to 125°C
SOT (SOT-23) − DBV
Reel of 3000
SN74AHC1G08QDBVRQ1
A08_
−40
°C to 125°C
SOT (SC-70) − DCK
Reel of 3000
SN74AHC1G08QDCKRQ1
AE_
‡ Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
§ The actual top-side marking has one additional character that designates the assembly/test site.
FUNCTION TABLE
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
H
H
L
XL
X
L
L
DBV OR DCK PACKAGE
(TOP VIEW)
1
2
3
5
4
A
B
GND
VCC
Y
Copyright
 2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Podobny numer części - SN74AHC1G08-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AHC1G08-Q1 TI1-SN74AHC1G08-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Single 2-Input Positive-AND Gate
More results

Podobny opis - SN74AHC1G08-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
[Old version datasheet]   single 2-input positive-and gate
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
Texas Instruments
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08_07 Datasheet
597Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08-Q1 TI1-SN74LVC1G08-Q1 Datasheet
342Kb / 11P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_2 Datasheet
572Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74AHCT1G08 DIODES-74AHCT1G08 Datasheet
179Kb / 8P
   SINGLE 2 INPUT POSITIVE AND GATE
74LVCE1G08W5-7 DIODES-74LVCE1G08W5-7 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com