Zakładka z wyszukiwarką danych komponentów |
|
SN74LVC1G32DCKR Arkusz danych(PDF) 7 Page - Texas Instruments |
|
|
SN74LVC1G32DCKR Arkusz danych(HTML) 7 Page - Texas Instruments |
7 / 18 page www.ti.com t h t su FromOutput UnderTest C (seeNote A) L LOADCIRCUIT S1 V LOAD Open GND R L DataInput TimingInput 0V 0V 0V t W Input 0V Input Output Waveform1 S1atV (seeNoteB) LOAD Output Waveform2 S1atGND (seeNoteB) V OL V OH 0V »0V Output Output TEST S1 t /t PLH PHL Open Output Control V M V M V M V M V M 1.8V 0.15V ± 2.5V 0.2V ± 3.3V 0.3V ± 5V 0.5V ± 1kW 500 W 500 W 500 W V CC R L 2× V CC 2× V CC 6V 2× V CC V LOAD C L 30pF 30pF 50pF 50pF 0.15V 0.15V 0.3V 0.3V V D 3V V I V CC/2 V CC/2 1.5V V CC/2 V M £2ns £2ns £2.5ns £2.5ns INPUTS R L t /t r f V CC V CC V CC V LOAD t /t PLZ PZL GND t /t PHZ PZH VOLTAGEWAVEFORMS ENABLE ANDDISABLETIMES LOW- ANDHIGH-LEVEL ENABLING VOLTAGEWAVEFORMS PROPAGATIONDELAY TIMES INVERTING ANDNONINVERTINGOUTPUTS NOTES: A. C includesprobeandjigcapacitance. B. Waveform1isforanoutputwithinternalconditionssuchthattheoutputislow,exceptwhendisabledbytheoutputcontrol. Waveform2isforanoutputwithinternalconditionssuchthattheoutputishigh,exceptwhendisabledbytheoutputcontrol. C. Allinputpulsesaresuppliedbygeneratorshavingthefollowingcharacteristics:PRR 10MHz,Z =50 . D. Theoutputsaremeasuredoneatatime,withonetransitionpermeasurement. E. t andt arethesameast . F. t andt arethesameast . G. t andt arethesameast . H. Allparametersandwaveformsarenotapplicabletoalldevices. L O PLZ PHZ dis PZL PZH en PLH PHL pd £ W VOLTAGEWAVEFORMS PULSEDURATION VOLTAGEWAVEFORMS SETUP ANDHOLDTIMES V I V I V I V M V M V /2 LOAD t PZL t PLZ t PHZ t PZH V – V OH D V +V OL D V M V M V M V M V OL V OH V I V I V OH V OL V M V M V M V M t PLH t PHL t PLH t PHL SN74LVC1G32 SINGLE 2-INPUT POSITIVE-OR GATE SCES219O – APRIL 1999 – REVISED FEBRUARY 2007 PARAMETER MEASUREMENT INFORMATION (continued) Figure 2. Load Circuit and Voltage Waveforms 7 Submit Documentation Feedback |
Podobny numer części - SN74LVC1G32DCKR |
|
Podobny opis - SN74LVC1G32DCKR |