Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC14C080CISQ Arkusz danych(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części ADC14C080CISQ
Szczegółowy opis  14-Bit, 65/80/95/105 MSPS A/D Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14C080CISQ Arkusz danych(HTML) 4 Page - National Semiconductor (TI)

  ADC14C080CISQ Datasheet HTML 1Page - National Semiconductor (TI) ADC14C080CISQ Datasheet HTML 2Page - National Semiconductor (TI) ADC14C080CISQ Datasheet HTML 3Page - National Semiconductor (TI) ADC14C080CISQ Datasheet HTML 4Page - National Semiconductor (TI) ADC14C080CISQ Datasheet HTML 5Page - National Semiconductor (TI) ADC14C080CISQ Datasheet HTML 6Page - National Semiconductor (TI) ADC14C080CISQ Datasheet HTML 7Page - National Semiconductor (TI) ADC14C080CISQ Datasheet HTML 8Page - National Semiconductor (TI) ADC14C080CISQ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Pin No.
Symbol
Equivalent Circuit
Description
13-19,
23-29
D0–D13
Digital data output pins that make up the 14-bit conversion
result. D0 (pin 13) is the LSB, while D13 (pin 29) is the MSB of
the output word. Output levels are CMOS compatible.
21
DRDY
Data Ready Strobe. The data output transition is synchronized
with the falling edge of this signal. This signal switches at the
same frequency as the CLK input.
ANALOG POWER
3, 8, 10,
V
A
Positive analog supply pins. These pins should be connected
to a quiet voltage source and be bypassed to AGND with 0.1
µF capacitors located close to the power pins.
4, 7, 9,
Exposed
Pad
AGND
The ground return for the analog supply.
DIGITAL POWER
20
V
DR
Positive driver supply pin for the output drivers. This pin should
be connected to a quiet voltage source and be bypassed to
DRGND with a 0.1 µF capacitor located close to the power pin.
22
DRGND
The ground return for the digital output driver supply. This pins
should be connected to the system digital ground, but not be
connected in close proximity to the ADC’s AGND pins.
www.national.com
4


Podobny numer części - ADC14C080CISQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC14C080CISQE/NOPB TI1-ADC14C080CISQE/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   65/80 MSPS A/D Converter
More results

Podobny opis - ADC14C080CISQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC14C105 NSC-ADC14C105_07 Datasheet
453Kb / 24P
   14-Bit, 95/105 MSPS A/D Converter
logo
Texas Instruments
ADC14C105 TI1-ADC14C105_14 Datasheet
1Mb / 30P
[Old version datasheet]   14-Bit, 95/105 MSPS A/D Converter
logo
Analog Devices
AD6645ASQZ-105 AD-AD6645ASQZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-80 AD-AD6645ASVZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQ-105 AD-AD6645ASQ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-105 AD-AD6645ASVZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
logo
Texas Instruments
ADC14C080 TI1-ADC14C080_14 Datasheet
1Mb / 30P
[Old version datasheet]   14-Bit, 65/80 MSPS A/D Converter
logo
Analog Devices
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com