Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRFZ48RL Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRFZ48RL
Szczegółowy opis  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRFZ48RL Arkusz danych(HTML) 1 Page - International Rectifier

  IRFZ48RL Datasheet HTML 1Page - International Rectifier IRFZ48RL Datasheet HTML 2Page - International Rectifier IRFZ48RL Datasheet HTML 3Page - International Rectifier IRFZ48RL Datasheet HTML 4Page - International Rectifier IRFZ48RL Datasheet HTML 5Page - International Rectifier IRFZ48RL Datasheet HTML 6Page - International Rectifier IRFZ48RL Datasheet HTML 7Page - International Rectifier IRFZ48RL Datasheet HTML 8Page - International Rectifier IRFZ48RL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRFZ48RS
IRFZ48RL
HEXFET® Power MOSFET
05/21/02
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
50*
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
50*
A
IDM
Pulsed Drain Current

290
PD @TC = 25°C
Power Dissipation
190
W
Linear Derating Factor
1.3
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
100
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
4.5
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.8
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
www.irf.com
1
VDSS = 60V
RDS(on) = 0.018Ω
ID = 50*A
S
D
G
Advanced HEXFET® Power MOSFETs from International Rectifier
utilize advanced processing techniques to achieve extremely low on-
resistance per silicon area.
This benefit, combined with the fast
switching speed and ruggedized device design that HEXFET power
MOSFETs are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the highest power
capability and the lowest possible on-resistance in any existing
surface mount package. The D2Pak is suitable for high current
applications because of its low internal connection resistance and can
dissipate up to 2.0W in a typical surface mount application.
l Advanced Process Technology
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
l Drop in Replacement of the IRFZ48
for Linear/Audio Applications
Description
D2Pak
IRFZ48RS
TO-262
IRFZ44RL
PD - 94074


Podobny numer części - IRFZ48RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
IRFZ48RL VISHAY-IRFZ48RL Datasheet
961Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 22-Jul-08
IRFZ48RL VISHAY-IRFZ48RL Datasheet
208Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
logo
International Rectifier
IRFZ48RLPBF IRF-IRFZ48RLPBF Datasheet
255Kb / 10P
   HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
logo
Vishay Siliconix
IRFZ48RLPBF VISHAY-IRFZ48RLPBF Datasheet
961Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 22-Jul-08
IRFZ48RLPBF VISHAY-IRFZ48RLPBF Datasheet
208Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
More results

Podobny opis - IRFZ48RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com