Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLI530NPBF Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRLI530NPBF
Szczegółowy opis  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLI530NPBF Arkusz danych(HTML) 2 Page - International Rectifier

  IRLI530NPBF Datasheet HTML 1Page - International Rectifier IRLI530NPBF Datasheet HTML 2Page - International Rectifier IRLI530NPBF Datasheet HTML 3Page - International Rectifier IRLI530NPBF Datasheet HTML 4Page - International Rectifier IRLI530NPBF Datasheet HTML 5Page - International Rectifier IRLI530NPBF Datasheet HTML 6Page - International Rectifier IRLI530NPBF Datasheet HTML 7Page - International Rectifier IRLI530NPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRLI530NPbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
––– –––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.122 ––– V/°C Reference to 25°C, ID = 1mA†
–––
––– 0.100
VGS = 10V, ID = 9.0A „
–––
––– 0.120
VGS = 5.0V, ID = 9.0A „
–––
––– 0.150
VGS = 4.0V, ID = 8.0A „
VGS(th)
Gate Threshold Voltage
1.0
–––
2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
7.7
––– –––
S
VDS = 50V, ID = 9.0A†
–––
–––
25
µA
VDS = 100V, VGS = 0V
–––
––– 250
VDS = 80V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
––– 100
nA
VGS = 16V
Gate-to-Source Reverse Leakage
–––
––– -100
VGS = -16V
Qg
Total Gate Charge
–––
–––
34
ID = 9.0A
Qgs
Gate-to-Source Charge
–––
–––
4.8
nC
VDS = 80V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
20
VGS = 5.0V, See Fig. 6 and 13 „†
td(on)
Turn-On Delay Time
–––
7.2 –––
VDD = 50V
tr
Rise Time
–––
53
–––
ns
ID = 9.0A
td(off)
Turn-Off Delay Time
–––
30
–––
RG = 6.0Ω, VGS = 5.0V
tf
Fall Time
–––
26
–––
RD = 5.5Ω, See Fig. 10 „†
Between lead,
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
800 –––
VGS = 0V
Coss
Output Capacitance
–––
160 –––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
90
–––
ƒ = 1.0MHz, See Fig. 5†
C
Drain to Sink Capacitance
–––
12
–––
ƒ = 1.0MHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
S
D
G
LD
Internal Drain Inductance
––– 4.5
–––
LS
Internal Source Inductance
––– 7.5
–––
RDS(on)
Static Drain-to-Source On-Resistance
nH
pF
S
D
G
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ Starting TJ = 25°C, L = 3.1mH
RG = 25Ω, IAS = 9.0A. (See Figure 12)
… t=60s, ƒ=60Hz
ƒ I
SD ≤ 9.0A, di/dt ≤ 540A/µs, V
DD ≤ V(BR)DSS,
TJ ≤ 175°C
† Uses IRL530N data and test conditions
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) †
––– –––
p-n junction diode.
VSD
Diode Forward Voltage
––– ––– 1.3
V
TJ = 25°C, IS = 6.6A, VGS = 0V „
trr
Reverse Recovery Time
––– 140 210
ns
TJ = 25°C, IF = 9.0A
Qrr
Reverse RecoveryCharge
––– 740 1100
nC
di/dt = 100A/µs „†
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
A
12
60


Podobny numer części - IRLI530NPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLI530NPBF IRF-IRLI530NPBF Datasheet
234Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
logo
VBsemi Electronics Co.,...
IRLI530NPBF VBSEMI-IRLI530NPBF Datasheet
2Mb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
International Rectifier
IRLI530NPBF IRF-IRLI530NPBF_15 Datasheet
234Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
More results

Podobny opis - IRLI530NPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com