Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PZTA64 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części PZTA64
Szczegółowy opis  PNP Darlington Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PZTA64 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  PZTA64 Datasheet HTML 1Page - Fairchild Semiconductor PZTA64 Datasheet HTML 2Page - Fairchild Semiconductor PZTA64 Datasheet HTML 3Page - Fairchild Semiconductor PZTA64 Datasheet HTML 4Page - Fairchild Semiconductor PZTA64 Datasheet HTML 5Page - Fairchild Semiconductor PZTA64 Datasheet HTML 6Page - Fairchild Semiconductor PZTA64 Datasheet HTML 7Page - Fairchild Semiconductor PZTA64 Datasheet HTML 8Page - Fairchild Semiconductor PZTA64 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Typical Characteristics (continued)
PNP Darlington Transistor
(continued)
Input and Output Capacitance
vs Reverse Bias Voltage
0.1
1
10
100
0
4
8
12
16
REVERSE VOLTAGE (V)
C
f = 1.0 MHz
ib
C ob
Power Dissipation vs
Ambient Temperature
0
25
50
75
100
125
150
0
0.25
0.5
0.75
1
TEMPERATURE ( C)
o
SOT-223
TO-92
SOT-23
Base-Emitter Saturation
Voltage vs Collector Current
0.001
0.01
0.1
1
0
0.4
0.8
1.2
1.6
2
I - COLLECTOR CURRENT (A)
C
25 °C
- 40 °C
125 °C
β = 1000
Base Emitter ON Voltage vs
Collector Current
0.001
0.01
0.1
1
0
0.4
0.8
1.2
1.6
2
I - COLLECTOR CURRENT (A)
C
V
= 5V
CE
25 °C
- 40 °C
125 °C
Collector-Cutoff Current
vs Ambient Temperature
25
50
75
100
125
0.01
0.1
1
10
100
T - AMBIE NT TEMP ERATURE ( C)
A
°
V
= 15V
CB


Podobny numer części - PZTA64

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PZTA64 PHILIPS-PZTA64 Datasheet
51Kb / 8P
   PNP Darlington transistor
1997 Jun 20
logo
Siemens Semiconductor G...
PZTA64 SIEMENS-PZTA64 Datasheet
139Kb / 4P
   PNP Silicon Darlington Transistors
logo
Fairchild Semiconductor
PZTA64 FAIRCHILD-PZTA64 Datasheet
46Kb / 3P
   PNP Darlington Transistor
logo
Jiangsu Changjiang Elec...
PZTA64 JIANGSU-PZTA64 Datasheet
210Kb / 1P
   TRANSISTOR (PNP)
logo
Motorola, Inc
PZTA64T1 MOTOROLA-PZTA64T1 Datasheet
170Kb / 6P
   PNP SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
More results

Podobny opis - PZTA64

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BCV26 FAIRCHILD-BCV26 Datasheet
36Kb / 4P
   PNP Darlington Transistor
MPSA65 FAIRCHILD-MPSA65 Datasheet
29Kb / 2P
   PNP Darlington Transistor
logo
Samsung semiconductor
MMBTA64 SAMSUNG-MMBTA64 Datasheet
26Kb / 1P
   PNP (DARLINGTON TRANSISTOR)
logo
NXP Semiconductors
BC516 PHILIPS-BC516 Datasheet
44Kb / 8P
   PNP Darlington transistor
1999 Apr 23
BC878 PHILIPS-BC878 Datasheet
50Kb / 8P
   PNP Darlington transistor
1999 May 31
BSR62 PHILIPS-BSR62 Datasheet
47Kb / 8P
   PNP Darlington transistor
1999 Apr 26
PMBTA64 PHILIPS-PMBTA64 Datasheet
43Kb / 8P
   PNP Darlington transistor
1999 Apr 13
logo
Jiangsu Changjiang Elec...
TIP147 JIANGSU-TIP147 Datasheet
957Kb / 3P
   Darlington Transistor (PNP)
logo
Fairchild Semiconductor
BC516_D27Z FAIRCHILD-BC516_D27Z Datasheet
31Kb / 4P
   PNP Darlington Transistor
logo
NXP Semiconductors
BSR62 NXP-BSR62 Datasheet
119Kb / 7P
   PNP Darlington transistor
2004 Nov 11
logo
Nexperia B.V. All right...
PMBTA64 NEXPERIA-PMBTA64 Datasheet
283Kb / 7P
   PNP Darlington transistor
2004 Jan 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com