Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33999 Arkusz danych(PDF) 7 Page - Freescale Semiconductor, Inc

Numer części MC33999
Szczegółowy opis  16-Output Switch with SPI and PWM Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33999 Arkusz danych(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC33999 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33999 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33999 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33999 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33999 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33999 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33999 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33999 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33999 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33999
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 3.1 V
≤ SO
PWR ≤ 5.25 V, 9.0 V ≤ VPWR ≤ 16 V, -40°C ≤ TC ≤ 125°C unless otherwise
noted. Typical values noted reflect the approximate parameter means at VPWR = 13 V, TA = 25°C under nominal conditions
unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER OUTPUT TIMING
Output Slew Rate
RL = 60 Ω
(15)
SR
1.0
2.0
10
V/
µs
Output Turn ON Delay Time (16)
T DLY(ON)
1.0
2.0
10
µs
Output Turn OFF Delay Time (16)
T DLY(OFF)
1.0
4.0
10
µs
Output ON Short Fault Disable Report Delay (17)
T DLY(SHORT)
100
450
µs
Output OFF Open Fault Delay Time (17)
T DLY(OPEN)
100
450
µs
Output PWM Frequency
T FREQ
2.0
kHz
DIGITAL INTERFACE TIMING (23)
Required Low State Duration on VPWR for Reset
VPWR ≤ 0.2 V
(18)
TRST
10
µs
Falling Edge of CS to Rising Edge of SCLK (Required Setup Time)
T LEAD
100
ns
Falling Edge of SCLK to Rising Edge of CS (Required Setup Time)
TLAG
50
ns
SI to Falling Edge of SCLK (Required Setup Time)
TSI(SU)
16
ns
Falling Edge of SCLK to SI (Required Setup Time)
TSI(HOLD)
20
ns
SI, CS, SCLK Signal Rise Time (19)
TR(SI)
5.0
ns
SI, CS, SCLK Signal Fall Time (19)
TF(SI)
5.0
ns
Time from Falling Edge of CS to SO Low Impedance (20)
TSO(EN)
50
ns
Time from Rising Edge of CS to SO High Impedance (21)
TSO(DIS)
50
ns
Time from Rising Edge of SCLK to SO Data Valid (22)
TVALID
25
80
ns
Notes
15.
Output slew rate measured across a 60
Ω resistive load.
16.
Output turn ON and OFF delay time measured from 50% rising edge of CS to 80% and 20% of initial voltage.
17.
Duration of fault before fault bit is set. Duration between access times must be greater than 450
µs to read faults.
18.
This parameter is guaranteed by design but is not production tested.
19.
Rise and Fall time of incoming SI, CS, and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing.
20.
Time required for valid output status data to be available on SO pin.
21.
Time required for output status data to be terminated at SO pin.
22.
Time required to obtain valid data out from SO following the rise of SCLK with 200 pF load.
23.
This parameter is guaranteed by design. Production test equipment used 4.16 MHz, 5.5 V/3.1 V SPI Interface.


Podobny numer części - MC33999

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC33999 MOTOROLA-MC33999 Datasheet
627Kb / 16P
   16-Output Switch with SPI and PWM Control
More results

Podobny opis - MC33999

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC33999 MOTOROLA-MC33999 Datasheet
627Kb / 16P
   16-Output Switch with SPI and PWM Control
logo
Freescale Semiconductor...
MCZ33999EK FREESCALE-MCZ33999EK Datasheet
708Kb / 21P
   16-Output Switch with SPI and PWM Control
MC33996 FREESCALE-MC33996 Datasheet
1Mb / 24P
   16 Output Switch with SPI Control
logo
Motorola, Inc
MC33996 MOTOROLA-MC33996 Datasheet
635Kb / 16P
   16-Output Switch with SPI Control
logo
Freescale Semiconductor...
33996 FREESCALE-33996 Datasheet
610Kb / 23P
   16-Output Switch with SPI Control
33882 FREESCALE-33882 Datasheet
688Kb / 27P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Freescale Semiconductor...
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
logo
Toshiba Semiconductor
TC62D723FNG TOSHIBA-TC62D723FNG Datasheet
734Kb / 44P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com