Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NZT6717 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części NZT6717
Szczegółowy opis  NPN General Purpose Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NZT6717 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  NZT6717 Datasheet HTML 1Page - Fairchild Semiconductor NZT6717 Datasheet HTML 2Page - Fairchild Semiconductor NZT6717 Datasheet HTML 3Page - Fairchild Semiconductor NZT6717 Datasheet HTML 4Page - Fairchild Semiconductor NZT6717 Datasheet HTML 5Page - Fairchild Semiconductor NZT6717 Datasheet HTML 6Page - Fairchild Semiconductor NZT6717 Datasheet HTML 7Page - Fairchild Semiconductor NZT6717 Datasheet HTML 8Page - Fairchild Semiconductor NZT6717 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TO-226AE Tape and Reel Data
October 1999, Rev. A1
TO-226AE Packaging
Configuration: Figur e 1.0
1,500 un its per
EO70 box for
std o ption
5EO70boxes per
Int ermediate Box
FSCINT Labe l
530mm x 130mm x 83mm
Intermediate box
7,500 un its maximum
per intermediate box
for std option
FSCINT Barcode Label
114mm x 102mm x 51mm
EO70 Immediate Box
Anti-static
Bubble Sheets
(TO-226AE) BULK PACKING INFORMATION
EOL CODE
DESCRIPTION
LEADCLIP
DIMENSION
QUANTITY
J18Z
TO-18 OPTION STD
NO LEAD CLIP
1.0 K / BOX
J05Z
TO-5 OPTION STD
NO LEAD CLIP
1.0 K / BOX
NO EOL
CODE
TO-226 STANDARD
STRAIGHT
NO LEADCLIP
1.5 K / BOX
TO-226AE TNR/AMMO PACKING INF R
OMATION
Packing
Style
Quantity
EOL code
Reel
A
2,000
D26Z
E2,000
D27Z
Ammo
M
2,000
D74Z
P2,000
D75Z
Unit weight
= 0.300gm
Reel weight with components
= 0.868 kg
Ammo weight with components
= 0.880 kg
Max quantity per intermediate box = 10,000 units
AMMO PACK OPTION
See Fig 3.0 for2 Ammo
Pack Options
BULK OPTION
See Bulk Packing
Information table
375mm x 267mm x 375mm
Int ermediate Box
FSCINT
Labe l
Custom ized
Labe l
333mm x 231mm x 183mm
Int ermediate Box
FSCINT
Labe l
Custom ized
Labe l
F63TNR
Barcode Label
5 Ammo box es per
Int ermediate Box
Custom ized
Labe l
327mm x 158mm x 135mm
Immed iate Box
LOT:
CBVK741B019
NSID:
PN2222N
D/C1:
D9842
SPEC REV:
B2
SPEC:
QTY:
10000
QA REV:
FAIRCHILD SEMICONDUCTOR CORPORATION
HTB:B
(FSCINT)
F63TNR
Labe l
Custom ized
Labe l
5 Reels per
Int ermediate Box
TAPE and REEL OPTION
See Fig 2.0 for various
Reeling Styles
F63TNR Label sampl e
FSCINT Label sampl e
Customized
Label
LOT: CBVK741B019
FSID: PN222N
D/C1: D9842
QTY1:
SPEC REV:
SPEC:
QTY: 2000
D/C2:
QTY2:
CPN:
N/F: F
(F63TNR)3
©2000 Fairchild Semiconductor International


Podobny numer części - NZT6717

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
NZT6717 FAIRCHILD-NZT6717 Datasheet
114Kb / 4P
   NPN General Purpose Amplifier
More results

Podobny opis - NZT6717

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com