Zakładka z wyszukiwarką danych komponentów |
|
SS39 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor |
|
SS39 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor |
1 / 3 page SS32 - S310, Rev. D Features • Metal to silicon rectifiers, majority carrier conduction. • Low forward voltage drop. • Easy pick and place. • High surge current capability. SS32 - S310 Schottky Rectifiers Absolute Maximum Ratings* T A = 25°C unless otherwise noted Electrical Characteristics T A = 25°C unless otherwise noted 2001 Fairchild Semiconductor Corporation SMC/DO-214AB COLOR BAND DENOTES CATHODE *These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. Symbol Parameter Device Units 32 33 34 35 36 38 39 310 VF Forward Voltage @ 3.0 A 500 750 850 mV 0.5 mA IR Reverse Current @ rated V R T A = 25°C T A = 100°C 20 10 mA *Device mounted on FR-4 PCB 0.55 x 0.55" (14 x 14 mm). Symbol Parameter Value Units 32 33 34 35 36 38 39 310 V RRM Maximum Repetitive Reverse Voltage 20 30 40 50 60 80 90 100 V I F(AV) Average Rectified Forward Current, @ T A = 75°C 3.0 A I FSM Non-repetitive Peak Forward Surge Current 8.3 ms Single Half-Sine-Wave 100 A T stg Storage Temperature Range -55 to +150 °C T J Operating Junction Temperature -55 to +150 °C Thermal Characteristics Symbol Parameter Value Units PD Power Dissipation 2.27 W RθJA Thermal Resistance, Junction to Ambient * 55 °C/W RθJL Thermal Resistance, Junction to Lead 17 °C/W |
Podobny numer części - SS39 |
|
Podobny opis - SS39 |