Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74GTL16923 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części SN74GTL16923
Szczegółowy opis  18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74GTL16923 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button SN74GTL16923_05 Datasheet HTML 3Page - Texas Instruments SN74GTL16923_05 Datasheet HTML 4Page - Texas Instruments SN74GTL16923_05 Datasheet HTML 5Page - Texas Instruments SN74GTL16923_05 Datasheet HTML 6Page - Texas Instruments SN74GTL16923_05 Datasheet HTML 7Page - Texas Instruments SN74GTL16923_05 Datasheet HTML 8Page - Texas Instruments SN74GTL16923_05 Datasheet HTML 9Page - Texas Instruments SN74GTL16923_05 Datasheet HTML 10Page - Texas Instruments SN74GTL16923_05 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.ti.com
Timing Requirements
Switching Characteristics
SN74GTL16923
18-BIT LVTTL-TO-GTL/GTL+ BUS TRANSCEIVER
SCBS674G – AUGUST 1996 – REVISED APRIL 2005
over recommended ranges of supply voltage and operating free-air temperature for GTL+ (unless otherwise noted)
MIN
MAX
UNIT
fclock
Clock frequency
200
MHz
tw
Pulse duration, CLK high or low
2.5
ns
Data before CLK
2.3
tsu
Setup time
ns
CE before CLK
3.3
Data after CLK
0.1
th
Hold time
ns
CE after CLK
0
over recommended ranges of supply voltage and operating free-air temperature for GTL+ (see Figure 1)
FROM
TO
PARAMETER
MIN TYP(1)
MAX
UNIT
(INPUT)
(OUTPUT)
fmax
200
MHz
tPLH
2.2
4
5.9
CLKAB
B
ns
tPHL
2.1
4
6.1
tPLH
1.9
3.4
5.2
OEAB
B
ns
tPHL
1.7
3.1
5.1
Slew rate
Both transitions
0.5
V/ns
tr
Transition time, B outputs (0.6 V to 1.3 V)
0.6
1.3
2.6
ns
tf
Transition time, B outputs (1.3 V to 0.6 V)
0.4
1.3
3
ns
tPLH
1.8
3.5
5.1
CLKBA
A
ns
tPHL
1.7
3.3
4.9
ten
1.3
2.9
4.8
OEBA
A
ns
tdis
2
3.2
5
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
7


Podobny numer części - SN74GTL16923_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
More results

Podobny opis - SN74GTL16923_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL16622A TI-SN54GTL16622A Datasheet
163Kb / 10P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16612 TI-SN54GTL16612 Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
logo
NXP Semiconductors
GTL1655DGG PHILIPS-GTL1655DGG Datasheet
127Kb / 23P
   16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01-11 May 2004
GTL2006 PHILIPS-GTL2006 Datasheet
127Kb / 14P
   13-bit GTL-/GTL/GTL to LVTTL translator
2004 Jun 21
logo
Texas Instruments
SN74GTL2006 TI-SN74GTL2006 Datasheet
161Kb / 10P
[Old version datasheet]   13-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
SN74GTL2007 TI-SN74GTL2007 Datasheet
173Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com