Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS6443IRGCT Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części ADS6443IRGCT
Szczegółowy opis  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6443IRGCT Arkusz danych(HTML) 4 Page - STMicroelectronics

  ADS6443IRGCT Datasheet HTML 1Page - STMicroelectronics ADS6443IRGCT Datasheet HTML 2Page - STMicroelectronics ADS6443IRGCT Datasheet HTML 3Page - STMicroelectronics ADS6443IRGCT Datasheet HTML 4Page - STMicroelectronics ADS6443IRGCT Datasheet HTML 5Page - STMicroelectronics ADS6443IRGCT Datasheet HTML 6Page - STMicroelectronics ADS6443IRGCT Datasheet HTML 7Page - STMicroelectronics ADS6443IRGCT Datasheet HTML 8Page - STMicroelectronics ADS6443IRGCT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 75 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
SUPPLIES
AVDD
Analog supply voltage
3.0
3.3
3.6
V
LVDD
LVDS Buffer supply voltage
3.0
3.3
3.6
V
ANALOG INPUTS
Differential input voltage range
2
Vpp
Input common-mode voltage
1.5
±0.1
V
Voltage applied on VCM in external reference mode
1.45
1.50
1.55
V
CLOCK INPUT
ADS6445
5
125
ADS6444
5
105
Input clock sample rate, Fsrated
MSPS
ADS6443
5
80
ADS6442
5
65
Sine wave, ac-coupled
0.4
1.5
LVPECL, ac-coupled
± 0.8
Input clock amplitude differential (VCLKP– VCLKM)
Vpp
LVDS, ac-coupled
± 0.35
LVCMOS, ac-coupled
3.3
Input Clock duty cycle
35%
50%
65%
DIGITAL OUTPUTS
Without internal termination
5
Maximum external load capacitance from each output pin
CLOAD
pF
to DGND
With internal termination
10
RLOAD
Differential load resistance (external) between the LVDS output pairs
100
TA
Operating free-air temperature
–40
85
°C
4
Submit Documentation Feedback


Podobny numer części - ADS6443IRGCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS6443IRGCT TI-ADS6443IRGCT Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6443IRGCT TI-ADS6443IRGCT Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6443IRGCT TI1-ADS6443IRGCT Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6443IRGCTG4 TI-ADS6443IRGCTG4 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6443IRGCTG4 TI-ADS6443IRGCTG4 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
More results

Podobny opis - ADS6443IRGCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI1-ADS6445_14 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445-EP TI1-ADS6445-EP_13 Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445-EP TI-ADS6445-EP Datasheet
3Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6424 TI-ADS6424_10 Datasheet
2Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com