Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM26001_0609 Arkusz danych(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM26001_0609
Szczegółowy opis  1.5A Switching Regulator with High Efficiency Sleep Mode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26001_0609 Arkusz danych(HTML) 10 Page - National Semiconductor (TI)

Back Button LM26001_0609 Datasheet HTML 6Page - National Semiconductor (TI) LM26001_0609 Datasheet HTML 7Page - National Semiconductor (TI) LM26001_0609 Datasheet HTML 8Page - National Semiconductor (TI) LM26001_0609 Datasheet HTML 9Page - National Semiconductor (TI) LM26001_0609 Datasheet HTML 10Page - National Semiconductor (TI) LM26001_0609 Datasheet HTML 11Page - National Semiconductor (TI) LM26001_0609 Datasheet HTML 12Page - National Semiconductor (TI) LM26001_0609 Datasheet HTML 13Page - National Semiconductor (TI) LM26001_0609 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Operation Description (Continued)
on, enable, or UVLO recovery, an internal 2.3 µA (typical)
current charges the soft-start capacitor. During soft-start, the
error amplifier output voltage is controlled by both the soft-
start voltage and the feedback loop. As the SS pin voltage
ramps up, the duty cycle increases proportional to the soft-
start ramp, causing the output voltage to ramp up. The rate
at which the duty cycle increases depends on the capaci-
tance of the soft-start capacitor. The higher the capacitance,
the slower the output voltage ramps up. The soft-start ca-
pacitor value can be calculated with the following equation:
Where tss is the desired soft-start time and Iss is the soft-
start source current. During soft-start, current limit and syn-
chronization remain in effect, while sleep mode and fre-
quency foldback are disabled. Soft-start mode ends when
the SS pin voltage reaches 1.23V typical. At this point, output
voltage control is transferred to the FB pin and the SS pin is
discharged.
CURRENT LIMIT
The peak current limit is set internally by directly measuring
peak inductor current through the internal switch. To ensure
accurate current sensing, VIN should be bypassed with a
minimum 1µF ceramic capacitor placed directly at the pin.
When the inductor current reaches the current limit thresh-
old, the internal FET turns off immediately allowing inductor
current to ramp down until the next cycle. This reduction in
duty cycle corresponds to a reduction in output voltage.
The current limit comparator is disabled for less than 100ns
at the leading edge for increased immunity to switching
noise.
Because the current limit monitors peak inductor current, the
DC load current limit threshold varies with inductance and
frequency. Assuming a minimum current limit of 1.85A, maxi-
mum load current can be calculated as follows:
Where Iripple is the peak-to-peak inductor ripple current,
calculated as shown below:
To find the worst case (lowest) current limit threshold, use
the maximum input voltage and minimum current limit speci-
fication.
During high over-current conditions, such as output short
circuit, the LM26001 employs frequency foldback as a sec-
ond level of protection. If the feedback voltage falls below the
short circuit threshold of 0.9V, operating frequency is re-
duced, thereby reducing average switch current. This is
especially helpful in short circuit conditions, when inductor
current can rise very high during the minimum on-time.
Frequency reduction begins at 20% below the nominal fre-
quency setting. The minimum operating frequency in fold-
back mode is 71 kHz typical.
If the FB voltage falls below the frequency foldback threshold
during frequency synchronized operation, the SYNC function
is disabled. Operating frequency versus FB voltage in short
circuit conditions is shown in the typical performance char-
acteristics section.
In conditions where the on time is close to minimum (less
than 200nsec typically), such as high input voltage and high
switching frequency, the current limit may not function prop-
erly. This is because the current limit circuit cannot reduce
the on-time below minimum which prevents entry into fre-
quency foldback mode. There are two ways to ensure proper
current limit and foldback operation under high input voltage
conditions. First, the operating frequency can be reduced to
increase the nominal on time. Second, the inductor value
can be increased to slow the current ramp and reduce the
peak over-current.
FREQUENCY ADJUSTMENT AND SYNCHRONIZATION
The switching frequency of the LM26001 can be adjusted
between 150 kHz and 500 kHz using a single external
resistor. This resistor is connected from the FREQ pin to
ground as shown in the typical application. The resistor
value can be calculated with the following empirically derived
equation:
R
FREQ = (6.25 x 10
10)xf
SW
-1.042
The switching frequency can also be synchronized to an
external clock signal using the SYNC pin. The SYNC pin
allows the operating frequency to be varied above and below
the nominal frequency setting. The adjustment range is from
30% above nominal to 20% below nominal. External syn-
chronization requires a 1.2V (typical) peak signal level at the
SYNC pin. The FREQ resistor must always be connected to
initialize the nominal operating frequency. The operating fre-
quency is synchronized to the falling edge of the SYNC
input. When SYNC goes low, the high-side switch turns on.
This allows any duty cycle to be used for the sync signal
when synchronizing to a frequency higher than nominal.
When synchronizing to a lower frequency, however, there is
a minimum duty cycle requirement for the SYNC signal,
given in the equation below:
20179451
FIGURE 5. Swtiching Frequency vs R
FREQ
www.national.com
10


Podobny numer części - LM26001_0609

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
More results

Podobny opis - LM26001_0609

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001 TI1-LM26001_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001B TI-LM26001B_15 Datasheet
1,017Kb / 27P
[Old version datasheet]   LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26003 TI-LM26003_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM26003-xx 3-A Switching Regulator With High Efficiency Sleep Mode
LM26001 TI-LM26001_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com