Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM1771TMMX Arkusz danych(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM1771TMMX
Szczegółowy opis  Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1771TMMX Arkusz danych(HTML) 6 Page - National Semiconductor (TI)

Back Button LM1771TMMX Datasheet HTML 2Page - National Semiconductor (TI) LM1771TMMX Datasheet HTML 3Page - National Semiconductor (TI) LM1771TMMX Datasheet HTML 4Page - National Semiconductor (TI) LM1771TMMX Datasheet HTML 5Page - National Semiconductor (TI) LM1771TMMX Datasheet HTML 6Page - National Semiconductor (TI) LM1771TMMX Datasheet HTML 7Page - National Semiconductor (TI) LM1771TMMX Datasheet HTML 8Page - National Semiconductor (TI) LM1771TMMX Datasheet HTML 9Page - National Semiconductor (TI) LM1771TMMX Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Typical Performance Characteristics All curves taken at VIN = 3.3V with configuration in typical
application circuit shown in Application Information section of this datasheet. T
J = 25˚C, unless otherwise
specified. (Continued)
Quiescent Current vs Temperature
Deadtime vs Temperature
20189016
20189015
Efficiency vs I
OUT (LM1771T)
(V
IN = 5V, VOUT = 1.8V, FSW = 545kHz)
Efficiency vs I
OUT (LM1771U)
(V
IN = 5V, VOUT = 2.5V, FSW = 379kHz)
20189004
20189003
Efficiency vs I
OUT (LM1771U)
(V
IN = 5V, VOUT = 3.3V, FSW = 500kHz)
Efficiency vs I
OUT (LM1771S)
(V
IN = 5V, VOUT = 1.2V, FSW = 727kHz)
20189005
20189006
www.national.com
6


Podobny numer części - LM1771TMMX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM1771TMMX NSC-LM1771TMMX Datasheet
1Mb / 18P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
More results

Podobny opis - LM1771TMMX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM1771 NSC-LM1771 Datasheet
1Mb / 18P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
Texas Instruments
LM1771 TI-LM1771_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM1771 Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
Renesas Technology Corp
ISL95872 RENESAS-ISL95872 Datasheet
830Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Intersil Corporation
ISL95873 INTERSIL-ISL95873 Datasheet
533Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Renesas Technology Corp
ISL95873 RENESAS-ISL95873 Datasheet
835Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Intersil Corporation
ISL95872 INTERSIL-ISL95872 Datasheet
617Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
January 26, 2012
logo
Microchip Technology
MIC24053 MICROCHIP-MIC24053 Datasheet
544Kb / 32P
   No External Compensation
11/07/16
MIC24051 MICROCHIP-MIC24051 Datasheet
1Mb / 34P
   No External Compensation
11/07/16
logo
Texas Instruments
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2744 TI-LM2744_15 Datasheet
1Mb / 33P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com