Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVCH244APW Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74LVCH244APW
Szczegółowy opis  Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCH244APW Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74LVCH244APW Datasheet HTML 5Page - NXP Semiconductors 74LVCH244APW Datasheet HTML 6Page - NXP Semiconductors 74LVCH244APW Datasheet HTML 7Page - NXP Semiconductors 74LVCH244APW Datasheet HTML 8Page - NXP Semiconductors 74LVCH244APW Datasheet HTML 9Page - NXP Semiconductors 74LVCH244APW Datasheet HTML 10Page - NXP Semiconductors 74LVCH244APW Datasheet HTML 11Page - NXP Semiconductors 74LVCH244APW Datasheet HTML 12Page - NXP Semiconductors 74LVCH244APW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
2003 Oct 30
9
Philips Semiconductors
Product specification
Octal buffer/line driver with 5 V tolerant
inputs/outputs (3-state)
74LVC244A; 74LVCH244A
AC CHARACTERISTICS
GND = 0 V; tr =tf ≤ 2.5 ns.
Notes
1. All typical values are measured at VCC = 3.3 V and Tamb =25 °C.
2. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed
by design.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C
tPHL/tPLH
propagation delay 1An to 1Yn, 2An to 2Yn see Figs 6 and 8
1.2
17.0
ns
2.7
1.5
3.3
6.9
ns
3.0 to 3.6
1.5
2.8(1)
5.9
ns
tPZH/tPZL
3-state output enable time 1OE to 1Yn,
2OE to 2Yn
see Figs 7 and 8
1.2
24.0
ns
2.7
1.5
3.3
8.6
ns
3.0 to 3.6
1.0
3.4(1)
7.6
ns
tPHZ/tPLZ
3-state output disable time 1OE to 1Yn,
2OE to 2Yn
see Figs 7 and 8
1.2
9.0
ns
2.7
1.5
3.2
6.8
ns
3.0 to 3.6
1.5
2.9(1)
5.8
ns
tsk(0)
skew
note 2
−−
1.0
ns
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay 1An to 1Yn, 2An to 2Yn see Figs 6 and 8
1.2
−−−
ns
2.7
1.5
9.0
ns
3.0 to 3.6
1.5
7.5
ns
tPZH/tPZL
3-state output enable time 1OE to 1Yn,
2OE to 2Yn
see Figs 7 and 8
1.2
−−−
ns
2.7
1.5
11
ns
3.0 to 3.6
1.0
9.5
ns
tPHZ/tPLZ
3-state output disable time 1OE to 1Yn,
2OE to 2Yn
see Figs 7 and 8
1.2
−−−
ns
2.7
1.5
8.5
ns
3.0 to 3.6
1.5
7.5
ns
tsk(0)
skew
note 2
−−
1.5
ns


Podobny numer części - 74LVCH244APW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVCH244APW PHILIPS-74LVCH244APW Datasheet
96Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-Statetitle
1998 May 20
74LVCH244APW NXP-74LVCH244APW Datasheet
121Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 06-13 August 2009
74LVCH244APW NXP-74LVCH244APW Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74LVCH244APW NEXPERIA-74LVCH244APW Datasheet
286Kb / 17P
   Octal buffer/line driver; 3-state
Rev. 12 - 16 September 2021
74LVCH244APW-Q100 NEXPERIA-74LVCH244APW-Q100 Datasheet
259Kb / 15P
   Octal buffer/line driver; 3-state
Rev. 6 - 15 February 2021
More results

Podobny opis - 74LVCH244APW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LVC541A NEXPERIA-74LVC541A Datasheet
253Kb / 13P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 6 - 27 August 2021
74LVC541A-Q100 NEXPERIA-74LVC541A-Q100 Datasheet
713Kb / 16P
   Octal buffer/line driver with 5 V tolerant inputs/outputs;3-state
logo
NXP Semiconductors
74LVC541A PHILIPS-74LVC541A_15 Datasheet
294Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-25 November 2011
74LVC240A PHILIPS-74LVC240A_15 Datasheet
265Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
Rev. 8-29 November 2011
74LVC241A PHILIPS-74LVC241A Datasheet
96Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 May 20
74LVC541A PHILIPS-74LVC541A Datasheet
94Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC240A PHILIPS-74LVC240A Datasheet
96Kb / 11P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
1998 May 20
74LVC2G241 PHILIPS-74LVC2G241 Datasheet
103Kb / 18P
   Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
2005 Feb 02
logo
Nexperia B.V. All right...
74LVC827A NEXPERIA-74LVC827A Datasheet
1Mb / 16P
   10-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4 - 25 November 2011
74LVC16241A NEXPERIA-74LVC16241A Datasheet
216Kb / 12P
   16-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 26 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com