Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5725 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD5725
Szczegółowy opis  Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5725 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD5725 Datasheet HTML 2Page - Analog Devices AD5725 Datasheet HTML 3Page - Analog Devices AD5725 Datasheet HTML 4Page - Analog Devices AD5725 Datasheet HTML 5Page - Analog Devices AD5725 Datasheet HTML 6Page - Analog Devices AD5725 Datasheet HTML 7Page - Analog Devices AD5725 Datasheet HTML 8Page - Analog Devices AD5725 Datasheet HTML 9Page - Analog Devices AD5725 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD5726
Rev. 0 | Page 6 of 20
TIMING CHARACTERISTICS
AVDD = +15 V/+5 V, AVSS = −15 V/−5 V/0 V, GND = 0 V; VREFP = +10 V/+2.5 V; VREFN = −10 V/−2.5 V/0 V, VL = 5 V, RLOAD = 2 kΩ,
CL = 200 pF. All specifications TMIN to TMAX, unless otherwise noted.1, 2
Table 5.
Parameter
Limit at TMIN, TMAX
Unit
Description
tDS
5
ns
Data setup time.
tDH
5
ns
Data hold time.
tCH
13
ns
Clock pulse width high.
tCL
13
ns
Clock pulse width low.
tCSS
13
ns
Select time.
tCSH
13
ns
Deselect delay.
tLD1
20
ns
Load disable time.
tLD2
20
ns
Load delay.
tLDW
20
ns
Load pulse width.
tCLRW
20
ns
Clear pulse width.
1 Guaranteed by design and characterization, not production tested.
2 All input control signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
CS
SDIN
SCLK
LDAC
tCSS
tLD1
tCSH
tLD2
A1
A0
X
X
D11
D10
D9
D8
D4
D3
D2
D1
D0
Figure 2. Data Load Sequence
SDIN
SCLK
VOUT
CS
LDAC
tDS
tCL
tCH
tCSH
tLD2
tLDW
tS
tDH
±1LSB
Figure 3. Data Load Timing
CLRSEL
VOUT
CLR
tCLRW
tS
±1LSB
Figure 4. Clear Timing


Podobny numer części - AD5725

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5725 AD-AD5725 Datasheet
493Kb / 20P
   Quad, 12-Bit, Parallel Input, Unipolar/Bipolar, Voltage Output DAC
REV. C
AD5725 AD-AD5725_15 Datasheet
493Kb / 20P
   Quad, 12-Bit, Parallel Input, Unipolar/Bipolar, Voltage Output DAC
REV. C
More results

Podobny opis - AD5725

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5725 AD-AD5725_15 Datasheet
493Kb / 20P
   Quad, 12-Bit, Parallel Input, Unipolar/Bipolar, Voltage Output DAC
REV. C
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Analog Devices
AD5734 AD-AD5734_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5754 AD-AD5754_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724 AD-AD5724 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. 0
AD5724 AD-AD5724_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724R AD-AD5724R Datasheet
301Kb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
Rev. PrC
AD5724 AD-AD5724_17 Datasheet
1Mb / 31P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
AD5724R AD-AD5724R_17 Datasheet
1Mb / 33P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com