Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCZ146010EGR2 Arkusz danych(PDF) 8 Page - Freescale Semiconductor, Inc

Numer części MCZ146010EGR2
Szczegółowy opis  Low Power CMOS Photoelectric Smoke Detector IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ146010EGR2 Arkusz danych(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCZ146010EGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ146010EGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ146010EGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ146010EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ146010EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ146010EGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ146010EGR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ146010EGR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ146010EGR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Sensors
8
Freescale Semiconductor
MC146010
Figure 5. Typical Battery Powered Application
# Values for R4, R5 and C6 may differ depending on type of horn used.
* C2 and R13 are used for coarse sensitivity adjustment. Typical values are shown.
† R9 is for fine sensitivity adjustment (optional). If fixed resistors are used, R8 = 12k, R10 is 5.6k to 10k and R9 is eliminated.
** Components necessary to utilize IMF feature.
R8
8.2 k
R9
5.0 k
R10
4.7 k
R12
1.0 k
IR Current
4.7 to 22
C5
100
µF
C1
C2
R15
R14
1 M
R11
D2
IR Detector
IR Emitter
D3
Q1
To other
MC146010(s)
Escape light(s)
Auxiliary Alarm(s)
Remote(s)
And/Or Dialer
C4
22
µF
+
9.0 V
B1
D1
Reverse
Polarity
Protect.
Circuit
SW1
SW2
Silence Feature
(Option)
Silence
Button
Pushbutton
Test
R16 = 3.0 M
R6
100 k
R7
47 k
R1 = 100 k
C3 = 1500 pF
R2 = 10 M
C6
0.01
µF
R4 = 2.2 M
R3 = 470
D4
Visible
LED
HORN
X1
R5 = 100 k
C1
C2
DETECT
STROBE
VDD
IRED
I/O
BRASS
TEST & SILENCE
LOWBATT
VSS
R1
OSC
LED
FEEDBACK
SILVER
MC146010


Podobny numer części - MCZ146010EGR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MCZ146012EG FREESCALE-MCZ146012EG Datasheet
356Kb / 18P
   Low Power CMOS Photoelectric Smoke Detector IC
MCZ146012EGR2 FREESCALE-MCZ146012EGR2 Datasheet
356Kb / 18P
   Low Power CMOS Photoelectric Smoke Detector IC
More results

Podobny opis - MCZ146010EGR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC146012 FREESCALE-MC146012 Datasheet
1Mb / 18P
   LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
MC146010 FREESCALE-MC146010 Datasheet
1Mb / 18P
   LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
MC146012 FREESCALE-MC146012_07 Datasheet
356Kb / 18P
   Low Power CMOS Photoelectric Smoke Detector IC
logo
SHANGHAI BELLING CO., L...
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
MC14467-1 FREESCALE-MC14467-1_07 Datasheet
256Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
   Photoelectric Smoke Detector AFE IC
Jun 27, 2022
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
   Photoelectric smoke detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com