Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3A24159DRCR Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części TS3A24159DRCR
Szczegółowy opis  0.3-W DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS3A24159DRCR Arkusz danych(HTML) 4 Page - Texas Instruments

  TS3A24159DRCR Datasheet HTML 1Page - Texas Instruments TS3A24159DRCR Datasheet HTML 2Page - Texas Instruments TS3A24159DRCR Datasheet HTML 3Page - Texas Instruments TS3A24159DRCR Datasheet HTML 4Page - Texas Instruments TS3A24159DRCR Datasheet HTML 5Page - Texas Instruments TS3A24159DRCR Datasheet HTML 6Page - Texas Instruments TS3A24159DRCR Datasheet HTML 7Page - Texas Instruments TS3A24159DRCR Datasheet HTML 8Page - Texas Instruments TS3A24159DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.ti.com
Electrical Characteristics for 3-V Supply
(1)
TS3A24159
0.3-
Ω DUAL SPDT ANALOG SWITCH
DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
SCDS238 – MARCH 2007
V
+ = 2.7 to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP MAX
UNIT
Analog Switch
Analog signal
VCOM, VNO,
0
V+
V
range
VNC
25
°C
0.2
0.3
Peak ON
0
≤ (V
NO or VNC) ≤ V+,
Switch ON,
rpeak
2.7 V
resistance
ICOM = –100 mA,
See Figure 10
Full
0.35
25
°C
0.26
0.3
ON-state
VNO or VNC = 2 V,
Switch ON,
ron
2.7 V
resistance
ICOM = –100 mA,
See Figure 10
Full
0.34
ON-state
25
°C
0.01
0.05
VNO or VNC = 2 V, 0.8 V,
Switch ON,
resistance match
∆r
on
2.7 V
ICOM = –100 mA,
See Figure 10
Full
0.05
between channels
0
≤ (V
NO or VNC) ≤ V+,
Switch ON,
25
°C
0.13
ICOM = –100 mA,
See Figure 10
ON-state
ron(flat)
2.7 V
resistance flatness
25
°C
0.01
0.04
VNO or VNC = 2 V, 0.8 V,
Switch ON,
ICOM = –100 mA,
See Figure 10
Full
0.05
NC, NO
VNC or VNO = 1 V, VCOM = 3 V,
25
°C
–10
10
INC(OFF),
Switch OFF,
OFF leakage
or
3.6 V
nA
INO(OFF)
See Figure 11
Full
–50
50
current
VNC or VNO = 3 V, VCOM = 1 V,
NC, NO
VNC or VNO = 1 V, VCOM = Open,
25
°C
–10
10
INC(ON),
Switch ON,
ON leakage
or
3.6 V
nA
INO(ON)
See Figure 12
Full
–100
100
current
VNC or VNO = 3 V, VCOM = Open,
COM
VNC or VNO = Open, VCOM = 1 V,
25
°C
–10
10
Switch ON,
ON leakage
ICOM(ON)
or
3.6 V
nA
See Figure 12
Full
–100
100
current
VNC or VNO = Open, VCOM = 3 V,
Digital Control Inputs (IN1, IN2)(2)
Input logic high
VIH
Full
1.4
V
Input logic low
VIL
Full
0.5
V
25
°C
–40
5
40
Input leakage
IIH, IIL
VI = 3.6 V or 0
3.6 V
nA
current
Full
–50
50
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4
Submit Documentation Feedback


Podobny numer części - TS3A24159DRCR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A24159DRCR TI-TS3A24159DRCR Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159DRCR TI1-TS3A24159DRCR Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159DRCRG4 TI-TS3A24159DRCRG4 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Podobny opis - TS3A24159DRCR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A24159 TI-TS3A24159_08 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI1-TS3A24159_14 Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159_15 Datasheet
1Mb / 32P
[Old version datasheet]   TS3A24159 0.3-廓 2-Channel SPDT Bidirectional Analog Switch Dual-Channel 2:1 Multiplexer and Demultiplexer
TS3A24157 TI-TS3A24157_09 Datasheet
768Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI1-TS3A24157_14 Datasheet
1Mb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_1 Datasheet
756Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157 Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_15 Datasheet
1,017Kb / 26P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_10 Datasheet
743Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI1-TS5A23160_14 Datasheet
528Kb / 26P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com