Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A3159ADBVR Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części TS5A3159ADBVR
Szczegółowy opis  1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS5A3159ADBVR Arkusz danych(HTML) 2 Page - Texas Instruments

  TS5A3159ADBVR Datasheet HTML 1Page - Texas Instruments TS5A3159ADBVR Datasheet HTML 2Page - Texas Instruments TS5A3159ADBVR Datasheet HTML 3Page - Texas Instruments TS5A3159ADBVR Datasheet HTML 4Page - Texas Instruments TS5A3159ADBVR Datasheet HTML 5Page - Texas Instruments TS5A3159ADBVR Datasheet HTML 6Page - Texas Instruments TS5A3159ADBVR Datasheet HTML 7Page - Texas Instruments TS5A3159ADBVR Datasheet HTML 8Page - Texas Instruments TS5A3159ADBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
www.ti.com
TS5A3159A
1-
Ω SPDT ANALOG SWITCH
5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
SCDS200A – AUGUST 2005 – REVISED FEBRUARY 2007
SUMMARY OF CHARACTERISTICS(1)
2:1 Multiplexer/
Configuration
Demultiplexer
(1 × SPDT)
Number of channels
1
On-state resistance (ron)
1.1
On-state resistance match (
∆r
on)
0.1
On-state resistance flatness (ron(flat))
0.15
Turn-on/turn-off time (tON/tOFF)
20 ns/15 ns
Break-before-make time (tBBM)
12 ns
Charge injection (QC)
–20 pC
Bandwidth (BW)
100 MHz
OFF isolation (OISO)
–65 dB at 1 MHz
Crosstalk (XTALK)
–66 dB at 1 MHz
Total harmonic distortion (THD)
0.01%
Leakage current (INO(OFF)/INC(OFF))
±20 nA
Power-supply current (I+)
0.1
µA
Package options
6-pin DBV, DCK, or YZP
(1)
V+ = 5 V, TA = 25°C
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoFree™ – WCSP (DSBGA)
0.23-mm Large Bump – YZP
Reel of 3000
TS5A3159AYZPR
_ _ _JJ_
(Pb-free)
–40°C to 85°C
SOT (SOT-23) – DBV
Reel of 3000
TS5A3159ADBVR
JAJ_
SOT (SC-70) – DCK(2)
Reel of 3000
TS5A3159ADCKR
JJ_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
2
Submit Documentation Feedback


Podobny numer części - TS5A3159ADBVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3159ADBVR TI-TS5A3159ADBVR Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159ADBVR TI1-TS5A3159ADBVR Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159ADBVRE4 TI-TS5A3159ADBVRE4 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159ADBVRE4 TI1-TS5A3159ADBVRE4 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159ADBVRG4 TI-TS5A3159ADBVRG4 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Podobny opis - TS5A3159ADBVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3153 TI-TS5A3153 Datasheet
277Kb / 21P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI-TS5A3160 Datasheet
395Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624 Datasheet
329Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157DBVRG4 TI1-TS5A63157DBVRG4 Datasheet
763Kb / 31P
[Old version datasheet]   12-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159 Datasheet
386Kb / 23P
[Old version datasheet]   1-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI1-TS5A4624_14 Datasheet
901Kb / 29P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com