Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8153 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD8153
Szczegółowy opis  3.2 Gbps Single Buffered Mux/Demux Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8153 Arkusz danych(HTML) 5 Page - Analog Devices

  AD8153_07 Datasheet HTML 1Page - Analog Devices AD8153_07 Datasheet HTML 2Page - Analog Devices AD8153_07 Datasheet HTML 3Page - Analog Devices AD8153_07 Datasheet HTML 4Page - Analog Devices AD8153_07 Datasheet HTML 5Page - Analog Devices AD8153_07 Datasheet HTML 6Page - Analog Devices AD8153_07 Datasheet HTML 7Page - Analog Devices AD8153_07 Datasheet HTML 8Page - Analog Devices AD8153_07 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8153
Rev. 0 | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VCC to VEE
3.7 V
VTTI
VCC + 0.6 V
VTTO
VCC + 0.6 V
Internal Power Dissipation
4.1 W
Differential Input Voltage
2.0 V
Logic Input Voltage
VEE − 0.3V < VIN < VCC + 0.6 V
Storage Temperature Range
−65
°C to +125°C
Lead Temperature
300
°C
Junction Temperature
150
°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Podobny numer części - AD8153_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8153 AD-AD8153_15 Datasheet
1Mb / 24P
   Single Buffered Mux/Demux Switch
REV. 0
More results

Podobny opis - AD8153_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8153 AD-AD8153_15 Datasheet
1Mb / 24P
   Single Buffered Mux/Demux Switch
REV. 0
AD8153 AD-AD8153 Datasheet
228Kb / 18P
   Single Buffered Switch 3.2 Gbps
Rev. PrA
AD8159 AD-AD8159 Datasheet
595Kb / 24P
   3.2 Gbps Quad Buffer Mux/Demux
REV. A
logo
ON Semiconductor
NL7SB3257 ONSEMI-NL7SB3257 Datasheet
62Kb / 5P
   Mux / Demux Bus Switch
July, 2014 ??Rev. P0
7SB3257 ONSEMI-7SB3257 Datasheet
112Kb / 12P
   Mux / Demux Bus Switch
September, 2014 ??Rev. 4
NLAS3257A ONSEMI-NLAS3257A Datasheet
190Kb / 8P
   Mux / Demux Analog Switch
December, 2018- Rev. 1
logo
Analog Devices
AD8155 AD-AD8155 Datasheet
1Mb / 36P
   6.5 Gbps Dual Buffer Mux/Demux
REV. 0
AD8158 AD-AD8158 Datasheet
707Kb / 36P
   6.5 Gbps Quad Buffer Mux/Demux
REV. 0
logo
ON Semiconductor
NLAS3257 ONSEMI-NLAS3257 Datasheet
73Kb / 7P
   Mux / Demux Analog Switch
December, 2015 ??Rev. 1
logo
Pericom Semiconductor C...
PI5C3309 PERICOM-PI5C3309_12 Datasheet
564Kb / 4P
   3:1 Mux/DeMux Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com