Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8153 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD8153
Szczegółowy opis  3.2 Gbps Single Buffered Mux/Demux Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8153 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD8153 Datasheet HTML 4Page - Analog Devices AD8153 Datasheet HTML 5Page - Analog Devices AD8153 Datasheet HTML 6Page - Analog Devices AD8153 Datasheet HTML 7Page - Analog Devices AD8153 Datasheet HTML 8Page - Analog Devices AD8153 Datasheet HTML 9Page - Analog Devices AD8153 Datasheet HTML 10Page - Analog Devices AD8153 Datasheet HTML 11Page - Analog Devices AD8153 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8153
Rev. 0 | Page 8 of 24
50Ω CABLES
2
2
TP3
HIGH-
SPEED
SAMPLING
OSCILLOSCOPE
50Ω CABLES
2
2
50Ω
AD8153
AC COUPLED
EVALUATION
BOARD
INPUT
PIN
OUTPUT
PIN
PATTERN
GENERATOR
DATA OUT
TP1
50Ω CABLES
2
2
TP2
FR4 TEST BACKPLANE
DIFFERENTIAL
STRIPLINE TRACES
8mils WIDE, 8mils SPACE,
8mils DIELECTRIC HEIGHT
TRACE LENGTHS = 20 INCHES,
40 INCHES
40ps/DIV
REFERENCE EYE DIAGRAM AT TP1
Figure 7. Input Equalization Test Circuit
40ps/DIV
Figure 8. 3.2 Gbps Input Eye, 20 Inch FR4 Input Channel
(TP2 from Figure 7)
40ps/DIV
Figure 9. 3.2 Gbps Input Eye, 40 Inch FR4 Input Channel
(TP2 from Figure 7)
40ps/DIV
Figure 10. 3.2 Gbps Output Eye, 20 Inch FR4 Input Channel, High EQ
(TP3 from Figure 7)
40ps/DIV
Figure 11. 3.2 Gbps Output Eye, 40 Inch FR4 Input Channel, High EQ
(TP3 from Figure 7)


Podobny numer części - AD8153

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8153 AD-AD8153 Datasheet
228Kb / 18P
   Single Buffered Switch 3.2 Gbps
Rev. PrA
AD8153 AD-AD8153_15 Datasheet
1Mb / 24P
   Single Buffered Mux/Demux Switch
REV. 0
More results

Podobny opis - AD8153

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8153 AD-AD8153_15 Datasheet
1Mb / 24P
   Single Buffered Mux/Demux Switch
REV. 0
AD8153 AD-AD8153 Datasheet
228Kb / 18P
   Single Buffered Switch 3.2 Gbps
Rev. PrA
AD8159 AD-AD8159 Datasheet
595Kb / 24P
   3.2 Gbps Quad Buffer Mux/Demux
REV. A
logo
ON Semiconductor
NL7SB3257 ONSEMI-NL7SB3257 Datasheet
62Kb / 5P
   Mux / Demux Bus Switch
July, 2014 ??Rev. P0
7SB3257 ONSEMI-7SB3257 Datasheet
112Kb / 12P
   Mux / Demux Bus Switch
September, 2014 ??Rev. 4
NLAS3257A ONSEMI-NLAS3257A Datasheet
190Kb / 8P
   Mux / Demux Analog Switch
December, 2018- Rev. 1
logo
Analog Devices
AD8155 AD-AD8155 Datasheet
1Mb / 36P
   6.5 Gbps Dual Buffer Mux/Demux
REV. 0
AD8158 AD-AD8158 Datasheet
707Kb / 36P
   6.5 Gbps Quad Buffer Mux/Demux
REV. 0
logo
ON Semiconductor
NLAS3257 ONSEMI-NLAS3257 Datasheet
73Kb / 7P
   Mux / Demux Analog Switch
December, 2015 ??Rev. 1
logo
Pericom Semiconductor C...
PI5C3309 PERICOM-PI5C3309_12 Datasheet
564Kb / 4P
   3:1 Mux/DeMux Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com